Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P2191AF-16TR Datasheet(PDF) 4 Page - ON Semiconductor

Part # PCS3P2191AF-16TR
Description  Spread Spectrum Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P2191AF-16TR Datasheet(HTML) 4 Page - ON Semiconductor

  PCS3P2191AF-16TR Datasheet HTML 1Page - ON Semiconductor PCS3P2191AF-16TR Datasheet HTML 2Page - ON Semiconductor PCS3P2191AF-16TR Datasheet HTML 3Page - ON Semiconductor PCS3P2191AF-16TR Datasheet HTML 4Page - ON Semiconductor PCS3P2191AF-16TR Datasheet HTML 5Page - ON Semiconductor PCS3P2191AF-16TR Datasheet HTML 6Page - ON Semiconductor PCS3P2191AF-16TR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PCS3P2191A
http://onsemi.com
4
Table 5. DC ELECTRICAL CHARACTERISTICS (TA = −40°C to +85°C, VDD = 3.3 V ± 0.3 V)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS−0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
IIL
Input low current
(XIN / CLKIN)
−35
mA
IIH
Input high current
+35
IIL
Input low current
(S0:S1:S2)
−50
mA
IIH
Input high current
+50
VOL
Output low voltage
IOL = 12 mA
VSS
0.4
V
VOH
Output high voltage
IOH = −12 mA
2.4
VDD
V
ICC
Dynamic supply current (Unloaded Outputs)
8
15
26
mA
IDD
Static supply current standby mode (Note 1)
8
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up) (Note 2)
5
mS
ZOUT
Clock output impedance
27
W
CIN
Input Capacitance
5
pF
CL
Load Capacitance
15
pF
1. CLKIN pulled Low.
2. VDD and CLKIN inputs are stable.
Table 6. AC ELECTRICAL CHARACTERISTICS (TA = −40°C to +85°C, VDD = 3.3 V ± 0.3 V)
Symbol
Parameter
Min
Typ
Max
Unit
XIN / CLKIN
Input Clock frequency
10
15
25
MHz
CLKOUT
Output Clock frequency
(Pin 5,6,11,12)
40
60
100
MHz
FMOD
Spread Spectrum Modulation Rate
26
39
65
KHz
tLH (Note 3)
Output rise time (Measured from 20% to 80%)
1.5
2
nS
tHL (Note 3)
Output fall time (Measured from 80% to 20%)
1.0
1.5
nS
Output frequency Synthesis error (With SSOFF)
0
ppm
tJC (Note 3)
Cycle−to−Cycle Jitter
±250
±325
pS
tJP (Note 3)
Period Jitter (With SSOFF)
±150
±200
pS
tD (Note 3)
Output duty cycle
45
50
55
%
3. tLH and tHL are measured with a capacitive load of 15 pF.


Similar Part No. - PCS3P2191AF-16TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
360Kb / 8P
   Spread Spectrum Clock Generator
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
331Kb / 8P
   Spread Spectrum Clock Generator
More results

Similar Description - PCS3P2191AF-16TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com