Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC-206 Datasheet(PDF) 10 Page - ON Semiconductor

Part # TCC-206
Description  Six-Output PTIC Control IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-206 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button TCC-206 Datasheet HTML 6Page - ON Semiconductor TCC-206 Datasheet HTML 7Page - ON Semiconductor TCC-206 Datasheet HTML 8Page - ON Semiconductor TCC-206 Datasheet HTML 9Page - ON Semiconductor TCC-206 Datasheet HTML 10Page - ON Semiconductor TCC-206 Datasheet HTML 11Page - ON Semiconductor TCC-206 Datasheet HTML 12Page - ON Semiconductor TCC-206 Datasheet HTML 13Page - ON Semiconductor TCC-206 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TCC−206
www.onsemi.com
10
Table 10. 3−WIRE SERIAL INTERFACE SPECIFICATION
(TA = −30 to +85°C; 2.3 V < AVDD < 5.5 V; VIO = 1.8 V; unless otherwise specified)
Parameter
Description
Min
Typ
Max
Unit
Comments
FCLK
Clock Frequency
26
MHz
TCLK
Clock Period
38.4
ns
NBIT
Bits Number
30/32
bits
Auto−detection 30−bit or
32−bit
THIGH
Clock High Time
13
ns
TLOW
Clock Low Time
13
ns
TCSSETUP
CS Set−up Time
5
ns
70% rising edge of CS to
30% rising edge of first
clock cycle
TCSHOLD
CS Hold Time
5
ns
30% falling edge of last
clock cycle to 70% falling
edge of CS
TDSETUP
Data Set−up Time
4
ns
Relative to 30% of CLK
rising edge
TDHOLD
Data Hold Time
4
ns
relative to 70% of CLK ris-
ing edge
TSUCC
CS Low Time Between
Successive Writes
38.4
ns
70% falling edge of CS to
70% rising edge of CS
TSUCC
CS Low Time Between
Successive DAC Update Writes
1,500
ns
Time between groups of
DAC update reg [00000] &
[00001] writes
CCLK
Input Capacitance
5
pF
CLK pin
CDATA
Input Capacitance
8.3
pF
DATA pin
CCS
Input Capacitance
5
pF
CS pin
CTRIG
Input Capacitance
10
pF
TRIG pin
VIH
Input Logic Level High
0.7 x VIO
VIO x 0.3
V
DATA, CLK, CS
VIL
Input Logic Level Low
−0.3
0.3 x VIO
V
DATA, CLK, CS
IIH_DATA
Input Current High
−2
10
mA
DATA
IIL_DATA
Input Current Low
−2
1
mA
DATA
IIH_CLK,CS
Input Current High
−1
10
mA
CLK, CS
IIL_CLK,CS
Input Current Low
−1
1
mA
CLK, CS
VTP_TRIG
Positive Going Threshold Volt-
age
0.4 x VIO
0.7 x VIO
V
TRIG
VTN_TRIG
Negative Going Threshold Volt-
age
0.3 x VIO
0.6 x VIO
V
TRIG
VH_TRIG
Hysteresis Voltage (VTP – VTN)
0.1 x VIO
0.4 x VIO
V
TRIG
IIH_TRIG
TRIG Input Current High
−2
10
mA
TRIG=0.8 x VIO
IIL_TRIG
TRIG Input Current Low
−2
1
mA
TRIG=0.2 x VIO


Similar Part No. - TCC-206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-202A-RT ONSEMI-TCC-202A-RT Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
More results

Similar Description - TCC-206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
International Rectifier
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com