Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC-206 Datasheet(PDF) 3 Page - ON Semiconductor

Part # TCC-206
Description  Six-Output PTIC Control IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-206 Datasheet(HTML) 3 Page - ON Semiconductor

  TCC-206 Datasheet HTML 1Page - ON Semiconductor TCC-206 Datasheet HTML 2Page - ON Semiconductor TCC-206 Datasheet HTML 3Page - ON Semiconductor TCC-206 Datasheet HTML 4Page - ON Semiconductor TCC-206 Datasheet HTML 5Page - ON Semiconductor TCC-206 Datasheet HTML 6Page - ON Semiconductor TCC-206 Datasheet HTML 7Page - ON Semiconductor TCC-206 Datasheet HTML 8Page - ON Semiconductor TCC-206 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TCC−206
www.onsemi.com
3
RDL Pin Out
Table 1. PAD DESCRIPTIONS
RDL
Name
Type
Description
Max Voltage
(Note 1)
A1
OUTF
AOH
High Voltage Output F
VHV
A2
VREG
AO
Regulator Output
2
A3
GND_BOOST
P
Ground for Booster
0
A4
VHV
AOH / AIH
Boost High Voltage can be Forced Externally
28
B1
OUTE
AOH
High Voltage Output E
VHV
B2
ATEST
AO
Analog Test Out (Note 4)
VREG
B3
AVDD
P
Analog Supply
5.5
B4
L_BOOST
AOH
Boost Inductor
28
C1
OUTD
AOH
High Voltage Output D
VHV
C2
IDB0
DI
MIPI RFFE ID Bit 0 (Note 3)
VIO
C3
GNDA
P
Analog Ground
0
C4
TRIG
DIO
Trigger Signal Input (Note 2)
VIO
D1
OUTC
AOH
High Voltage Output C
VHV
D2
GNDIO
P
Digital IO Ground
VIO
D3
CS
DI
Chip Select for SPI
VIO
D4
CLK
DI
MIPI RFFE / SPI Clock
VIO
E1
OUTB
AOH
High Voltage Output B
VHV
E2
OUTA
AOH
High Voltage Output A
VHV
E3
VIO
P
Digital IO Supply
2
E4
DATA
DIO
Digital IO (SPI and MIPI RFFE)
VIO
1. For information only.
2. To be grounded when not in use.
3. This pin has to be connected to either GNDIO or VIO level, even if only SPI protocol is used. Never let it float.
4. To be grounded in normal operation.
ELECTRICAL PERFORMANCE SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
AVDD
Analog Supply Voltage
−0.3 to +6.0
V
VIO
IO Reference Supply Voltage
−0.3 to +2.2
V
VI/O
Input Voltage Logic Lines (DATA, CLK, CS)
−0.3 to VIO + 0.3
V
V(sub)HVH
VHV Maximum Voltage
−0.3 to 30
V
VESD (HBM)
Human Body Model, JESD22−A114, All I/O
2,000
V
VESD (MM)
Machine Model, JESD22−A115
200
V
TSTG
Storage Temperature
−55 to +150
°C
TAMB_OP_MAX
Max Operating Ambient Temperature without Damage
+110
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - TCC-206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-202A-RT ONSEMI-TCC-202A-RT Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
More results

Similar Description - TCC-206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-202 ONSEMI-TCC-202 Datasheet
447Kb / 23P
   Two-Output PTIC Control IC
November, 2015 ??Rev. 2
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
   Six touch six output IC
logo
International Rectifier
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
   XPHASE3TM DUAL OUTPUT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com