Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-100-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-100-24
Description  100W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-100-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LRS-100-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-100-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-100-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-100-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
100W Single Output Switching Power Supply
LRS-100 series
File Name:LRS-100-SPEC 2015-12-31
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT VOLTAGE ADJ. RANGE
LINE REGULATION Note.4
LOAD REGULATION Note.5
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
OVER VOLTAGE
AC CURRENT (Typ.)
500ms, 30ms/230VAC
500ms,30ms/115VAC at full load
55ms/230VAC
10ms/115VAC at full load
85 ~ 264VAC
120 ~ 373VDC (Withstand 300VAC surge for 5sec. Without damage)
47 ~ 63Hz
84.5%
88%
88.5%
90%
91%
1.9A/115VAC
1.2A/230VAC
COLD START 50A/230VAC
<0.75mA / 240VAC
110 ~ 150% rated output power
I/P-O/P:3.75KVAC
I/P-FG:2KVAC
O/P-FG:1.25KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
-30 ~ +70
℃ (Refer to "Derating Curve")
20 ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes
720.6K hrs min.
MIL-HDBK-217F (25
)
0.34Kg ; 40pcs/14.6Kg/0.92CUFT
129*97*30mm (L*W*H)
3.3V
12V
15V
24V
48V
20A
8.5A
7A
4.5A
2.3A
0 ~ 20A
0 ~ 8.5A
0 ~ 7A
0 ~ 4.5A
0 ~ 2.3A
66W
102W
105W
108W
110.4W
100mVp-p
120mVp-p
120mVp-p
150mVp-p
200mVp-p
±1.0%
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±2.0%
±0.5%
±0.5%
±0.5%
±0.5%
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
PROTECTION
ENVIRONMENT
Protection type : Hiccup mode, recovers automatically after fault condition is removed
90.5%
36V
2.8A
0 ~ 2.8A
100.8W
200mVp-p
±1.0%
±0.5%
±0.5%
5V
18A
0 ~ 18A
90W
100mVp-p
±2.0%
±0.5%
±1.0%
86%
SAFETY STANDARDS
UL60950-1, TUV EN60950-1, EN60335-1, EN61558-1
,CCC GB4943 approved
/- -
216
Protection type : Shut down o/p voltage, re-power on to recover
3.8 ~ 4.45V
5.75 ~ 6.75V
13.8 ~ 16.2V
18.75 ~ 21.75V 28.8 ~ 33.6V
41.4 ~ 48.6V
55.2 ~ 64.8V
±3.0%
Compliance to EN55022 (CISPR22),
Class B EN55014 EN61000-3-2,-3
GB9254
,
Compliance to EN61000-4-2,3,4,5,6,8,11, EN61000-6-2 (EN50082-2), heavy industry level, criteria A
SAFETY &
EMC
(Note 8)
EMC IMMUNITY
EMC EMISSION
2.97 ~ 3.6V
10.2 ~ 13.8V
13.5 ~ 18V
21.6 ~ 28.8V
43.2 ~ 52.8V
32.4 ~ 39.6V
4.5 ~ 5.5V
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up
time.
7. The ambient temperature derating of 5 /1000m is needed for operating altitude greater than 2000m(6500ft).
8. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed
that it still meets EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power
supplies.” (as available on http://www.meanwell.com)
LRS-100-3.3
LRS-100-5
LRS-100-12
LRS-100-15
LRS-100-24
LRS-100-36
LRS-100-48


Similar Part No. - LRS-100-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-12 MEANWELL-LRS-100N2-12 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-24 MEANWELL-LRS-100N2-24 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-36 MEANWELL-LRS-100N2-36 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
LRS-100N2-48 MEANWELL-LRS-100N2-48 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
More results

Similar Description - LRS-100-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
LPV-100 MEANWELL-LPV-100 Datasheet
353Kb / 2P
   100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
   100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
   100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
   100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
   100W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-100 RSG-RS-100 Datasheet
161Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com