Electronic Components Datasheet Search |
|
LRS-100-48 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
LRS-100-48 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 4 page SPECIFICATION 100W Single Output Switching Power Supply LRS-100 series File Name:LRS-100-SPEC 2015-12-31 MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION Note.4 LOAD REGULATION Note.5 SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE EFFICIENCY (Typ.) INPUT INRUSH CURRENT (Typ.) LEAKAGE CURRENT WITHSTAND VOLTAGE ISOLATION RESISTANCE WORKING TEMP. WORKING HUMIDITY STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVER LOAD OVER VOLTAGE AC CURRENT (Typ.) 500ms, 30ms/230VAC 500ms,30ms/115VAC at full load 55ms/230VAC 10ms/115VAC at full load 85 ~ 264VAC 120 ~ 373VDC (Withstand 300VAC surge for 5sec. Without damage) 47 ~ 63Hz 84.5% 88% 88.5% 90% 91% 1.9A/115VAC 1.2A/230VAC COLD START 50A/230VAC <0.75mA / 240VAC 110 ~ 150% rated output power I/P-O/P:3.75KVAC I/P-FG:2KVAC O/P-FG:1.25KVAC I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25 / 70% RH ℃ -30 ~ +70 ℃ (Refer to "Derating Curve") 20 ~ 90% RH non-condensing -40 ~ +85 , 10 ~ 95% RH ℃ ±℃ ℃ 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes 720.6K hrs min. MIL-HDBK-217F (25 ) ℃ 0.34Kg ; 40pcs/14.6Kg/0.92CUFT 129*97*30mm (L*W*H) 3.3V 12V 15V 24V 48V 20A 8.5A 7A 4.5A 2.3A 0 ~ 20A 0 ~ 8.5A 0 ~ 7A 0 ~ 4.5A 0 ~ 2.3A 66W 102W 105W 108W 110.4W 100mVp-p 120mVp-p 120mVp-p 150mVp-p 200mVp-p ±1.0% ±1.0% ±1.0% ±1.0% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±2.0% ±0.5% ±0.5% ±0.5% ±0.5% RIPPLE & NOISE (max.) Note.2 VOLTAGE TOLERANCE Note.3 PROTECTION ENVIRONMENT Protection type : Hiccup mode, recovers automatically after fault condition is removed 90.5% 36V 2.8A 0 ~ 2.8A 100.8W 200mVp-p ±1.0% ±0.5% ±0.5% 5V 18A 0 ~ 18A 90W 100mVp-p ±2.0% ±0.5% ±1.0% 86% SAFETY STANDARDS UL60950-1, TUV EN60950-1, EN60335-1, EN61558-1 ,CCC GB4943 approved /- - 216 Protection type : Shut down o/p voltage, re-power on to recover 3.8 ~ 4.45V 5.75 ~ 6.75V 13.8 ~ 16.2V 18.75 ~ 21.75V 28.8 ~ 33.6V 41.4 ~ 48.6V 55.2 ~ 64.8V ±3.0% Compliance to EN55022 (CISPR22), Class B EN55014 EN61000-3-2,-3 GB9254 , Compliance to EN61000-4-2,3,4,5,6,8,11, EN61000-6-2 (EN50082-2), heavy industry level, criteria A SAFETY & EMC (Note 8) EMC IMMUNITY EMC EMISSION 2.97 ~ 3.6V 10.2 ~ 13.8V 13.5 ~ 18V 21.6 ~ 28.8V 43.2 ~ 52.8V 32.4 ~ 39.6V 4.5 ~ 5.5V 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. ℃ 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. Line regulation is measured from low line to high line at rated load. 5. Load regulation is measured from 0% to 100% rated load. 6. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time. 7. The ambient temperature derating of 5 /1000m is needed for operating altitude greater than 2000m(6500ft). ℃ 8. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies. (as available on http://www.meanwell.com) LRS-100-3.3 LRS-100-5 LRS-100-12 LRS-100-15 LRS-100-24 LRS-100-36 LRS-100-48 |
Similar Part No. - LRS-100-48 |
|
Similar Description - LRS-100-48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |