Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPD-06 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # WPD-06
Description  Wireless DC multi-channel PWM dimmer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

WPD-06 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  WPD-06 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. WPD-06 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. WPD-06 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. WPD-06 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. WPD-06 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. WPD-06 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wireless DC multi-channel PWM dimmer
WP D - 0 6
World Coverage Map
Note1: It is suggested to check with local accredited certification agency.
*CEPT is the European regional organization dealing with postal and telecommunications issues and presently has 45
Members: Albania, Andorra, Austria, Azerbaijan, Belarus, Belgium, Bosnia and Herzegovina, Bulgaria, Croatia, Cyprus,
Czech Republic, Denmark, Estonia, Finland, France, Germany, Greece, Hungary, Iceland, Ireland, Italy, Latvia, Liechtenstein,
Lithuania, Luxembourg, Malta, Moldova, Monaco, Netherlands, Norway, Poland, Portugal, Romania, Russian Federation, San
Marino, Serbia and Montenegro, Slovakia, Slovenia, Spain, Sweden, Switzerland, The former Yugoslav Republic of
Macedonia, Turkey, Ukraine, United Kingdom, and Vatican.
**In February 2012, Japanese regulatory body ARIB (Association of Radio Industries and Businesses) released new 920 MHz
frequency band for radio equipment, due to LTE rollout. The 950 MHz frequency band will be obsolete by end of 2015.
COUNTRY/REGION
STANDARD
FREQUENCY
Aruba
Possibly R&TTE Directive
868 MHz – Confirm with test house
Australia / New Zealand
N.A.
Barbados
N.A.
Note1
Bermuda
N.A.
Note1
Bolivia
N.A.
Note1
Brazil
ANATEL
868 MHz
British Virgin Islands
N.A.
Note1
Cayman Islands
Possibly R&TTE Directive
868 MHz
CEPT (European regional)*
EN 300 220
868 MHz
Chile
Possibly R&TTE Directive
868 MHz
China
CNAS/MIIT EN 300 220
868 MHz
Colombia
Possibly ANATEL
868 MHz
Ecuador
N.A.
Note1
El Salvador
Possibly R&TTE Directive
868 MHz
French Guiana
ETSI EN 300 220
868 MHz
Guatemala
N.A.
Note1
Hong Kong
Possibly 315MHz
Note1
India
Possibly 315MHz
Note1
Israel
Possibly 315MHz
Note1
Jamaica
N.A.
Note1
Japan 920**
ARIB STD-T108
928MHz
Malaysia
SKMM WTS SRD/EN 300 220
868 MHz
Mexico
We believe Mexico does not accept FCC
868 MHz
Nicaragua
N.A.
Note1
Peru
N.A.
Note1
Panama
FCC CFR47 Part 15.249
902 MHz
Russia
N.A.
Singapore
TS SRD/EN 300 220
868 MHz
South Africa
ICASA/EN 300 220
868 MHz
South Korea
N.A.
Suriname
N.A.
Note1
Taiwan
Possibly 315MHz
Note1
Trinidad & Tabago
N.A.
Note1
Turks & Caicos Islands
Possibly R&TTE Directive
868 MHz
UAE
EN 300 220
868 MHz
Uruguay
N.A.
Note1
USA/Canada
FCC CFR47 Part 15.249
315MHz, 902 MHz


Similar Part No. - WPD-06

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WPD136M6C-001 LSTD-WPD136M6C-001 Datasheet
216Kb / 2P
   Montagem no estilo NMO
More results

Similar Description - WPD-06

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF110-16-2 BOURNS-MF-MSMF110-16-2 Datasheet
195Kb / 1P
   LED PWM Dimmer
logo
LinkCom Manufacturing C...
CLB1A010UDEWA0 LINKCOM-CLB1A010UDEWA0 Datasheet
402Kb / 4P
   DC BLE MESH DIMMER
logo
Siemens Semiconductor G...
BTS629 SIEMENS-BTS629 Datasheet
312Kb / 9P
   Dimmer
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MOSDESIGN SEMICONDUCTOR...
M1357 MOSDESIGN-M1357 Datasheet
188Kb / 5P
   4-CHANNEL LED DIMMER DRIVER
2010-03-09
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
   Multi-Channel DC-DC Converter
logo
Tontek Design Technolog...
TTP112-ADA TONTEK-TTP112-ADA Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-CDA TONTEK-TTP112-CDA Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-DOB TONTEK-TTP112-DOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
TTP112-EOB TONTEK-TTP112-EOB Datasheet
149Kb / 12P
   CONTINUOUS TOUCH DIMMER FOR DC LED LIGHTING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com