Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11899J-MPB-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # LB11899J-MPB-E
Description  Three-in-One Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11899J-MPB-E Datasheet(HTML) 4 Page - ON Semiconductor

  LB11899J-MPB-E Datasheet HTML 1Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 2Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 3Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 4Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 5Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 6Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 7Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 8Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LB11899J
No.A2229-4/16
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
min
max
Saturation voltage
VSAT U-1
L_VREF = LVCC Between output and LVCC
IO = 0.6A, CW/CCW mode
2.0
2.5
V
VSAT L-1
L_VREF = LVCC Between output and LVCC
IO = 0.6A, CW/CCW mode
1.3
1.8
V
VSATIL
L_VREF = LVCC SINK+SOURCE
IO = 0.4A, CW/CCW mode
2.8
3.5
V
Output transistor leak current
Upper
ILU
VCC = 0V
50
μA
Lower
ILL
VCC = 0V
50
μA
Over voltage protection current
IPROTL
VCC=0V
1
mA
0.4
0.6
0.2
0
0.8
1.0
20
40
60
80
100
0
Pd max - Ta
Independent IC


Similar Part No. - LB11899J-MPB-E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

Similar Description - LB11899J-MPB-E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56202 PHILIPS-SA56202 Datasheet
117Kb / 24P
   One-chip motor driver
Rev. 01-19 July 2004
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
logo
Sanyo Semicon Device
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2182 AMTEK-AM2182 Datasheet
370Kb / 12P
   One Channel Reversible Motor Driver
Mar, 2014 V1.1
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com