Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GST18A24-P1J Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GST18A24-P1J
Description  18W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST18A24-P1J Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GST18A24-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST18A24-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST18A24-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
18W AC-DC High Reliability Industrial Adaptor
GST18A series
■ Features
■ Applications
■ Model Encoding
-
A05
GST
P1J
18
Series name
Output wattage
IEC320-C14 AC inlet
Output voltage
{
GST18A is a highly reliable, 18W desktop style single-output green adaptor series. This product is a class
power unit (with FG), equipped with a standard IEC320-C14 AC inlet and adopting the input range from
85VAC to 264VAC. The entire series supplies different models with output voltages ranging between
5VDC and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 89% and the extremely low no-load power consumption below 0.075W, GST18A is
Code of Conduct(CoC) Version 5. The supreme feature allows the adaptor to save the energy when it is
either under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant
plastic case.GST18A is certified for the international safety regulations.
■ Description
File Name:GST18A-SPEC 2015-06-24
Universal AC input / Full range
3 pole AC inlet IEC320-C14
No load power consumption< 0.075W
Energy efficiency Level VI
Comply with EISA 2007/DoE,NRCan,
AU/NZ MEPS,EU ErP and CoC Version 5
Class power (with earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Pass LPS
High operating temperature up to +70℃
LED indicator for power on
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS, EU ErP, and
P1J : Plug for standard model, 2.1
5.5
11mm, c+, tuning fork type
ψψ
××
DC plug type
Optional plug type available by customer requested


Similar Part No. - GST18A24-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST18B MEANWELL-GST18B Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18B05-P1J MEANWELL-GST18B05-P1J Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18B07-P1J MEANWELL-GST18B07-P1J Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18B09-P1J MEANWELL-GST18B09-P1J Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18B12-P1J MEANWELL-GST18B12-P1J Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
More results

Similar Description - GST18A24-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST18B MEANWELL-GST18B Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18E MEANWELL-GST18E Datasheet
94Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
   18W AC-DC High Reliability Interchangeable Medical Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com