Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GST36B48-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GST36B48-P1J
Description  36W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST36B48-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GST36B48-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST36B48-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST36B48-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
36W AC-DC High Reliability Industrial Adaptor
GST36B series
File Name:GST36B-SPEC 2015-06-24
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GST36B05
9V
GST36B09
12V
GST36B12
24V
GST36B24
48V
GST36B48
90mVp-p
90mVp-p
100mVp-p
180mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±3.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±3.0%
±2.0%
±2.0%
85 ~ 264VAC
47 ~ 63Hz
82%
86%
87.5%
88.5%
90%
0.25mA / 240VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
692.3Khrs min. MIL-HDBK-217F(25
)
20% ~ 90% RH non-condensing
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
79*54*33mm (L*W*H)
CONNECTOR
PLUG
CABLE
OVERLOAD
OVER VOLTAGE
110 ~ 140% rated output voltage
Protection type : Clamp by zener diode
3A
0 ~ 3A
36W
1000ms, 30ms, 50ms/230VAC
1500ms, 30ms, 13ms/115VAC at full load
EMC IMMUNITY
EMC EMISSION
GST36B05-P1J
GST36B09-P1J
GST36B12-P1J
GST36B24-P1J
GST36B48-P1J
110 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
1.5A
0.75A
0 ~ 1.5A
0 ~ 0.75A
36W
36W
4.3A
3.11A
0 ~ 4.3A
0 ~ 3.11A
21.5W
28W
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
I/P-O/P:4242VDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
UL60950-1, CSA C22.2, TUV EN60950-1, BSMI CNS14336, CCC GB4943 approved
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
0.8A / 115VAC
0.45A / 230VAC
35A / 115VAC
70A / 230VAC
-30 ~ +70
(Refer to "Derating Curve")
-40 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0 ~ 50
)
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 10% to 100% rated load.
7.Derating may be needed under low input voltage. Please check the derating curve for more details.
8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Compliance to EN55022 class B EN61000-3-2,3, FCC PART 15 / CISPR22 class B, CNS13438 class B
,
, GB9254, GB17625.1
VOLTAGE RANGE
Note.7
203g; 60pcs/13.2Kg/1.22CUFT


Similar Part No. - GST36B48-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A12-C8P MEANWELL-GST360A12-C8P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A15-C8P MEANWELL-GST360A15-C8P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A24-C6P MEANWELL-GST360A24-C6P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A36-C6P MEANWELL-GST360A36-C6P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results

Similar Description - GST36B48-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST36U MEANWELL-GST36U Datasheet
526Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com