Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GST40A15-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GST40A15-P1J
Description  40W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST40A15-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GST40A15-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST40A15-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST40A15-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
GST40A series
File Name:GST40A-SPEC 2015-06-12
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 7)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GST40A05
GST40A05-P1J GST40A07-P1J GST40A09-P1J GST40A12-P1J GST40A15-P1J GST40A18-P1J GST40A24-P1J GST40A48-P1J
7.5V
GST40A07
9V
GST40A09
12V
GST40A12
15V
GST40A15
18V
GST40A18
24V
GST40A24
48V
GST40A48
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
180mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.5%
±2.5%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.5%
±2.5%
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
84.5%
87.5%
7.88 ~ 10.13V
88.5%
9.45 ~ 12.15V
89.5%
12.6 ~ 16.2V
90%
15.75 ~ 20.25V
90%
18.9 ~ 24.3V
91%
25.2 ~ 32.4V
92%
50.4 ~ 64.8V
1A / 115VAC
0.5A / 230VAC
65A / 230VAC
0.75mA / 240VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
736.4K hrs min. MIL-HDBK-217F(25
)
-30 ~ +70
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0~50
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
125*50*31.5mm (L*W*H)
0.28Kg; 40pcs/12.02Kg/1.05CUFT
CONNECTOR
PLUG
CABLE
See page 3 ; Other type available by customer requested
1. All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2. DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4. Tolerance: includes set up tolerance, line regulation, load regulation.
5. Line regulation is measured from low line to high line at rated load.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
Compliance to EN55022 class B, EN61000-3-2,3, FCC PART 15 / CISPR22 class B, CNS13438 class B, GB9254, GB17625.1
OVERLOAD
OVER VOLTAGE
105 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
5.25 ~ 6.75V
5A
5.34A
4.45A
3.34A
2.67A
2.22A
1.67A
0.84A
0 ~ 5A
0 ~ 5.34A
0 ~ 4.45A
0 ~ 2.67A
0 ~ 2.22A
0 ~ 1.67A
0 ~ 0.84A
25W
40W
40W
40W
0 ~ 3.34A
40W
40W
40W
40W
Protection type : Shut down o/p voltage, re-power on to recover
1000ms, 50ms / 230VAC
1000ms, 50ms / 115VAC at full load
50ms / 230VAC
15ms / 115VAC at full load
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
EMC IMMUNITY
EMC EMISSION
UL60950-1,
TUV EN60950-1, BSMI CNS14336
CSA C22.2,
, CCC GB4943,
approved
PSE J60950-1
40W AC-DC High Reliability Industrial Adaptor
See page
ther type available by customer requested
3 ; O


Similar Part No. - GST40A15-P1J

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
GST4020 WILLOW-GST4020 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST4020 RIEDON-GST4020 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST4020 RIEDON-GST4020 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
More results

Similar Description - GST40A15-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GE40 MEANWELL-GE40 Datasheet
489Kb / 5P
   40W AC-DC Interchangeable Industrial Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com