Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP400-1K40M1 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP400-1K40M1
Description  AC -DC switching power supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP400-1K40M1 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP400-1K40M1_15 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This series of AC -DC switching power supplies in a
package of 4 x 7 x 1.58 inches are capable of delivering
400 watts of continuous power at 7 C FM forced air cooling
or 300 watts at convection cooling. The units are
constructed on a printed circuit board with a U-bracket for
mechanical support and heat sinking. A cover and fan
assembly can be added during manufacturing for 400 watt
output without the change of any dimension. They are
designed for medical applications, but not for life-
supporting equipment. The units are certified also to
IEC /EN/UL 60950-1 and suitable for data networking,
computer and telecommunication applications.
FEATURES
4 x 7 inch footprint with 1.58 inch low profile
100-240 VAC input with active PFC
Less than 300 μA leakage current
300 watt convect ion rating up to +50
400 watt output with 7 C FM forced air
Standby output 5VDC a t 100mA
EN55011 / 5 5022 C lass B conducted emissions
Inhibit - TTL low to disable output
Standard PS Off and DC OK signals
Efficiency greater than 88%
C ompliant wi th RoHS requirements
W ATTAGE
Wattage:
400W
DIMENSION
Dimension:
177.8mm(L) x 101.6mm(W) x
39.6mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vdc
Input F requency :
47-63 Hz
Input Current:
4.2A(rms) for115VAC ,
2.1A(rms) for230VAC
Leakage Current:
300 µA max. @ 264 VAC ,63
Hz
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ripple & Noise:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500 us after a
25% step load change
Ov er Current
Protection:
Protected to output short
circuit conditions
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:-10°C to
+70°C
Storage Temperature: -40°C to +
85
*Output Voltage and C urrent Rating
+24V
Ripple-Noise(R-P) mV
240mV
Regulation Load %
±2%
Output Max.(A)
16.67A
Output Min.(A)
0A
NOTES
1. C hange suffix “B” for U-Bracket form to “C ” for enclosed form with cover and fan assembly, e.g. PM400-14C .
2. 300 W without moving air or 400 W with 7 C FM forced air provided by user for “B” version, 400 W for “C ” version with
cover and fan assembly
3. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line
voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the
output.
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP400-1K40M1


Similar Part No. - FSP400-1K40M1_15

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP400-1K20M1 FSP-FSP400-1K20M1_15 Datasheet
220Kb / 1P
   AC -DC switching power supplies
FSP400-1K30M1 FSP-FSP400-1K30M1_15 Datasheet
221Kb / 1P
   AC -DC switching power supplies
FSP400-1K31M1 FSP-FSP400-1K31M1_15 Datasheet
221Kb / 1P
   AC -DC switching power supplies
FSP400-1K50M1 FSP-FSP400-1K50M1_15 Datasheet
221Kb / 1P
   AC -DC switching power supplies
FSP400-1K70M1 FSP-FSP400-1K70M1_15 Datasheet
221Kb / 1P
   AC -DC switching power supplies
More results

Similar Description - FSP400-1K40M1_15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com