Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GST90A48-P1M Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GST90A48-P1M
Description  90W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST90A48-P1M Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GST90A48-P1M Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST90A48-P1M Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST90A48-P1M Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
AMBIENT TEMPERATURE ( )
0
-30
20
10
30
40
20
40
50
80
60
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
70
10mm
±
11
0.5mm
±
145
32
POWER LED
-V not connected to AC FG
Inside
Outside
ID 2.5 x OD 5.5
C"+"
Ul1185 14AWG 1000
50mm for 12 ~ 15V
±
UL1185 16AWG 1200
50mm for 19 ~ 48V
±
GST90A series
File Name:GST90A-SPEC 2015-06-12
Case No. GS90A
Unit:mm
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Plug Assignment
Standard plug: P1M
P/N
OUTPUT
P1M
CENTER
+
90W AC-DC High Reliability Industrial Adaptor


Similar Part No. - GST90A48-P1M

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
GST-A.600 CONQUER-GST-A.600 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
GST-A.630 CONQUER-GST-A.630 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
GST-A.700 CONQUER-GST-A.700 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
GST-A.750 CONQUER-GST-A.750 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
GST-A.800 CONQUER-GST-A.800 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
More results

Similar Description - GST90A48-P1M

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com