Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25A Datasheet(PDF) 1 Page - Powerbox

Part # PM25A
Description  2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM25A Datasheet(HTML) 1 Page - Powerbox

  PM25A Datasheet HTML 1Page - Powerbox PM25A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
389
PM25A Series
2 5 - 2 8 W A T T S - A C / D C S I N G L E & M U L T I P L E O U T P U T
INPUT
Input voltage
85–264Vac
Frequency
47Hz–63Hz
Input current
0.7A (rms) for 115Vac.
0.4A (rms) for 230Vac.
Leakage current
90µA max. @ 115Vac. 60Hz.
150µA max. @ 230Vac. 50Hz.
Isolation
Input – Output: 4000VAC
Input – Ground: 1500VAC
Output – Ground: 500VAC
Inrush current
10A @ 115V, 25A @ 230V @ 25
°C cold start
OUTPUT
Output voltage
See table.
Output voltage adjustment V1 only ±10%.
Output current
See table.
Ripple & noise
1% peak to peak max.
Line regulation
±0.5% maximum at full load.
Load regulation
See table.
Transient response
Max. deviation 4% recovering to 1% within
500µs after 25% load charge
Overvoltage protection
Provided on V1 only. Set at 110%–132% of
nominal
Overcurrent protection
All outputs protected for short circuit
conditions
Temperature coefficient
All outputs ±0.04% per °C
Holdup time
Typically 10ms at 110VAC
OPERATING
MTBF
500,000 hrs @ 25°C
Efficiency
68%–70%
ENVIRONMENTAL
Operating temperature
0°C to 70°C
Derating
Derate to 50% at 70°C
Storage temperature
-40°C to 85°C
Relative humidity
5%–95% non-condensing
STANDARDS AND APPROVALS
Safety standards
UL2601-1, CSA C22.2, TUV EN60601-1
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
EN60601-1-2: 2001 EN61000-4-2, EN61000-
4-3,EN61000-4-4, EN61000-4-5, EN61000-4-
6,EN61000-4-8, EN61000-4-11
EMI standards
EN55011 Class B, FCC Class B, VCCI Class B
MECHANICAL
Dimensions
107.95x63.5x24.38mm
Weight
Single output model: 163grams.
Multi-output model: 175 grams.
FEATURES
Low safety ground leakage current
Wide input range 85 to 264Vac
Input surge current protection
Overvoltage protection
Overcurrent protection
Open PCB construction
100% burn-in at full rated load
SPECIFICATIONS


Similar Part No. - PM25A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM25-10A POWERBOX-PM25-10A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-12A POWERBOX-PM25-12A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-13A POWERBOX-PM25-13A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-14A POWERBOX-PM25-14A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-15A POWERBOX-PM25-15A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results

Similar Description - PM25A

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
   2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
TRG45A POWERBOX-TRG45A Datasheet
503Kb / 1P
   4 5 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com