Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25A Datasheet(PDF) 2 Page - Powerbox

Part # PM25A
Description  2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM25A Datasheet(HTML) 2 Page - Powerbox

  PM25A Datasheet HTML 1Page - Powerbox PM25A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Doc. No. PBC9 Rev.C 28-4-11
390
PM25A Series
2 5 - 2 8 W A T T S - A C / D C S I N G L E & M U L T I P L E O U T P U T
MAX.
MODEL
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT
NUMBER
VNOM
IMIN
IMAX
TOL
VNOM
IMIN
IMAX
TOL
VNOM
IMIN
IMAX
TOL
POWER
PM25-10A
5.1V
0A
5.5A
2%
28W
PM25-12A
12V
0A
2.3A
1%
28W
PM25-13A
15V
0A
1.9A
1%
28W
PM25-14A
24V
0A
1.2A
1%
28W
PM25-15A
28V
0A
1.0A
1%
28W
PM25-23A
+5.1V
0A
2.5A
3%
+12V
0.2A
1.5A
5%
25W
PM25-25A
+5.1V
0A
2.5A
3%
+24V
0.1A
0.8A
5%
25W
PM25-31A
+5.1V
0A
2.5A
3%
+12V
0.2A
1.5A
5%
-12V
0.05A
0.2A
4%
25W
PM25-32A
+5.1V
0A
2.5A
3%
+15V
0.1A
1.0A
5%
-15V
0.05A
0.2A
4%
25W
PM25-39A
+5.1V
0.3A
2.5A
3%
+24V
0.1A
0.8A
5%
-12V
0.05A
0.2A
4%
25W
SINGLE OUTPUT
MULTIPLE OUTPUT
NOTES:
1.
Safety agency approvals are for the above listed models in PCB form. To order a model with a metallic L-bracket or box, change suffix “A” to “B”
for L-bracket form, to “C” for enclosed form, e.g. PM25-31C.
2. All models may be operated at no-load without damage. At no-load, output voltage tolerance increases to ±10%.
3. Ripple and noise is maximum peak-to-peak voltage value measured at output within 20 MHz bandwidth, at rated line voltage and
SELECTION TABLE
PIN CHART
SINGLE OUTPUT MODELS
MODEL
PIN
1
2
3
4
5
6
PM25-10A
PM25-12A
PM25-13A
PM25-14A
PM25-15A
Return
Return
Output 1
Output 1
MULTIPLE OUTPUT MODELS
PM25-23A
PM25-25A
Output 2
Output 1
Output 1
Common Return
Common Return
N.C.
PM25-31A
PM25-32A
PM25-39A
Output 2
Output 1
Output 1
Common Return
Common Return
Output 3
MECHANICAL SPECIFICATIONS


Similar Part No. - PM25A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM25-10A POWERBOX-PM25-10A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-12A POWERBOX-PM25-12A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-13A POWERBOX-PM25-13A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-14A POWERBOX-PM25-14A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM25-15A POWERBOX-PM25-15A Datasheet
750Kb / 2P
   25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results

Similar Description - PM25A

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
   2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
TRG45A POWERBOX-TRG45A Datasheet
503Kb / 1P
   4 5 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com