Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-45-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # IRM-45-15
Description  45W Single Output Encapsulated Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IRM-45-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  IRM-45-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IRM-45-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IRM-45-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IRM-45-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
File Name:IRM-45-SPEC 2015-03-17
45W Single Output Encapsulated Type
I R M - 4 5 series
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS

PACKING
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
1000ms, 30ms/230VAC
2000ms, 30ms/115VAC at full load
50ms/230VAC
12ms/115VAC at full load
85 ~ 264VAC
47 ~ 440Hz
87.5%
83.5%
88.5%
12.6 ~ 16.2V
89.5%
15.75 ~ 20.25V
90.5%
25.2 ~ 32.4V
50.4 ~ 64.8V
1.5A/115VAC
0.75A/230VAC
COLD START 30A/115VAC
60A/230VAC
115%~160% rated output power
5.25 ~ 6.75V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
20 ~ 90% RH non-condensing
-30 ~ +70℃ (Refer to "Derating Curve")
-40 ~ +85℃, 10 ~ 95% RH
±0.03%/℃ (0 ~ 50℃)
10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes
1212Khrs min.
MIL-HDBK-217F (25℃)
±1.0%
±0.5%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
80mVp-p
150mVp-p
180mVp-p
200mVp-p
300mVp-p
12V
15V
24V
48V
8A
3.8A
3A
1.9A
0.94A
0 ~ 8A
0 ~ 3.8A
0 ~ 3A
0 ~ 1.9A
0 ~ 0.94A
40W
45.6W
45W
45.6W
45.12W
IRM-45-5
IRM-45-12
IRM-45-15
IRM-45-24
IRM-45-48
SAFETY STANDARDS
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
℃


ENVIRONMENT
SAFETY &
EMC
PROTECTION
Protection type : Shut off o/p voltage, clamping by zener diode
Compliance to EN55022 (CISPR22) Class B, EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, heavy industry level (surge L-N : 1KV), criteria A
I/P-O/P:3KVAC
I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH
UL60950-1, TUV EN60950-1 approved
5V
EMC IMMUNITY
EMC EMISSION
LEAKAGE CURRENT
< 0.25mA/240VAC
PCB mounting style : 87*52*29.5mm (L*W*H)
Screw terminal style : 109*52*33.5mm (L*W*H)
PCB mounting style : 0.23Kg;60pcs/14.8Kg/0.97CUFT
Screw terminal style :0.28Kg; pcs/ Kg/ CUFT


Similar Part No. - IRM-45-15

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
   45W Single Output Encapsulated Type
2015-03-17
More results

Similar Description - IRM-45-15

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
   45W Single Output Encapsulated Type
2015-03-17
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
   45W Single Output Medical Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
   45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45_11 Datasheet
305Kb / 2P
   45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
   45W Single Output Medical Type
logo
Astrodyne Corporation
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
   45W Single Output for Medical Type
MPS45 ASTRODYNE-MPS45 Datasheet
337Kb / 4P
   45W Single Output for Medical Type
logo
Mean Well Enterprises C...
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
   30W Single Output Encapsulated Type
IRM-60 MEANWELL-IRM-60 Datasheet
3Mb / 4P
   60W Single Output Encapsulated Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com