Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2009 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CM2009
Description  VGA Port Companion Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM2009 Datasheet(HTML) 5 Page - ON Semiconductor

  CM2009 Datasheet HTML 1Page - ON Semiconductor CM2009 Datasheet HTML 2Page - ON Semiconductor CM2009 Datasheet HTML 3Page - ON Semiconductor CM2009 Datasheet HTML 4Page - ON Semiconductor CM2009 Datasheet HTML 5Page - ON Semiconductor CM2009 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CM2009
http://onsemi.com
5
APPLICATION INFORMATION
Figure 1. Typical Application Connection Diagram
NOTES:
1. The CM2009 should be placed as close to the VGA or DVI−I connector as possible.
2. The ESD protection channels VIDEO_1, VIDEO_2, VIDEO_3 may be used interchangeably between the R, G, B
signals.
3. If differential video signal routing is used, the RED, BLUE, and GREEN signal lines should be terminated with
external 37.5
W resistors.
4. “VF” are external video filters for the RGB signals.
5. Supply bypass capacitors C1 and C2 must be placed immediately adjacent to the corresponding Vcc pins.
Connections to the Vcc pins and ground plane must be made with minimal length copper traces (preferably less than
5 mm) for best ESD protection.
6. The bypass capacitor for the BYP pin has been omitted in this diagram. This results in a reduction in the maximum
ESD withstand voltage at the DDC_OUT pins from
±8 kV to ±4 kV. If 8 kV ESD protection is required, a 0.2 mF
ceramic bypass capacitor should be connected between BYP and ground.
7. The SYNC buffers may be used interchangeably between HSYNC and VSYNC.
8. The EMI filters at the SYNC_OUT and DDC_OUT pins (C5 to C12, and Ferrite Beads FB1 to FB4) are for reference
only. The component values and filter configuration may be changed to suit the application.
9. The DDC level shifters DDC_IN, DDC_OUT, may be used interchangeably between DDCA_CLK and
DDCA_DATA.
10. R1, R2 are optional. They may be used, if required, to pull the DDC_CLK and DDC_DATA lines to VCC_5V when
no monitor is connected to the VGA connector. If used, it should be noted that “back current” may flow between the
DDC pins and VCC_5V via these resistors when VCC_5V is powered down.
11. For optimal ESD performance with the CM2009−02, an additional clamp device (such as the CMD PACDN042)
should be placed on HSYNC/VSYNC lines between the external matching resistor and the VGA connector.


Similar Part No. - CM2009

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
CM2009-00QR CALMIRCO-CM2009-00QR Datasheet
116Kb / 6P
   VGA Port Companion Circuit
CM2009-00QS CALMIRCO-CM2009-00QS Datasheet
116Kb / 6P
   VGA Port Companion Circuit
CM2009-01QR CALMIRCO-CM2009-01QR Datasheet
116Kb / 6P
   VGA Port Companion Circuit
CM2009-01QS CALMIRCO-CM2009-01QS Datasheet
116Kb / 6P
   VGA Port Companion Circuit
More results

Similar Description - CM2009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA203 CALMIRCO-PACVGA203 Datasheet
177Kb / 8P
   VGA Port Companion Circuit
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com