Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4350 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4350
Description  Supervisory IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4350 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4350 Datasheet HTML 2Page - ON Semiconductor NCP4350 Datasheet HTML 3Page - ON Semiconductor NCP4350 Datasheet HTML 4Page - ON Semiconductor NCP4350 Datasheet HTML 5Page - ON Semiconductor NCP4350 Datasheet HTML 6Page - ON Semiconductor NCP4350 Datasheet HTML 7Page - ON Semiconductor NCP4350 Datasheet HTML 8Page - ON Semiconductor NCP4350 Datasheet HTML 9Page - ON Semiconductor NCP4350 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCP4350
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (VCC = 12V, for typical values TJ = 25°C, for min/max values, TJ = 0°C to +105°C,
Max TJ = 150°C, RI =33 kW, unless otherwise noted.)
Symbol
Unit
Max
Typ
Min
Rating
Delay Characteristics
TdlyPSONB
Time delay On/Off PSONB (PGO
↓) 50% of the pull up voltage
(PSONB>VOHPSONB, Rpull-up FPOB =1k, Vpull-up = +5 V)
24
38
62
msec
TdlyFOP
Time delay between PGO
↓ and FPOB↑
2.0
4.0
8.0
msec
TdlyOV
Time delay from an OV to FPOB
↑ and PGO↓ 50% of the pull up
voltage (PSONB<VOLPSONB, Rpull-up FPOB =1k, Vpull-up = +5 V)
9.0
14
19
msec
TdlyUV
Time delay from an UV to FPOB
↑ and PGO↓ 50% of the pull up
voltage (PSONB<VOLPSONB, Rpull-up FPOB =1k, Vpull-up = +5 V)
0.5
1.0
2.0
msec
TdlyPGO
Time delay PGI
↑ to PGO↓
(PSONB<VOLPSONB, Rpull-up PGO =1k, Vpull-up = +5 V)
100
300
438
msec
TdllySTART
Time delay on start-up UV, OC, OTP lockout
45
75
130
msec
TdelayOTP
Time delay from an OTP
↑ to FPOB↑ and PGO↓ 50% of the pull up
voltage (PSONB<VOLPSONB, Rpull-up FPOB and PGO =1k, Vpull-up
= +5 V) OTP
0.5
1.0
2.0
msec
TdlyOCP
Time delay from an OCP to FPOB
↑ and PGO↓ 50% of the pull up
voltage (PSONB<VOLPSONB, Rpull up FPOB and PGO =1k, Vpull-up
= +5 V)
11
20
32
msec
TdlyPGI
Time delay from PSONB
↓ to PGO↑ 10-90% of the pull up voltage
(PGI>VTHPGI, Rpull-up PGO=1k, Vpull-up = +5V)
124
338
500
msec
Overtemperature Input
VOTP
Voltage threshold for OTP
↓(PGO↓, FPOB↑, PSONB < VOLPSONB,
Rpull-up FPOB and PGO =1k, Vpull-up = +5 V)
1.18
1.25
1.32
V
VOTPHYS
Overtemperature Comparator Hysteresis (Note 3)
50
mV
3. Guaranteed by design.


Similar Part No. - NCP4350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP435 ONSEMI-NCP435 Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP4352SNT1G ONSEMI-NCP4352SNT1G Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
NCP4353 ONSEMI-NCP4353 Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
More results

Similar Description - NCP4350

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Fairchild Semiconductor
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
logo
Anpec Electronics Corop...
APL6535 ANPEC-APL6535 Datasheet
665Kb / 13P
   Two-Channel Supervisory IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com