Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-400 Datasheet(PDF) 7 Page - ON Semiconductor

Part # STK672-400
Description  2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-400 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button STK672-400 Datasheet HTML 3Page - ON Semiconductor STK672-400 Datasheet HTML 4Page - ON Semiconductor STK672-400 Datasheet HTML 5Page - ON Semiconductor STK672-400 Datasheet HTML 6Page - ON Semiconductor STK672-400 Datasheet HTML 7Page - ON Semiconductor STK672-400 Datasheet HTML 8Page - ON Semiconductor STK672-400 Datasheet HTML 9Page - ON Semiconductor STK672-400 Datasheet HTML 10Page - ON Semiconductor STK672-400 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STK672-400
No.A0751-7/19
Timing Charts
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
72%
100%
72%
Vref B
Vref A
0
1
B
2 Phase Excitation Timing Chart (M3=1)
1-2 Phase Excitation Timing Chart (M3=1)
W1-2 Phase Excitation Timing Chart (M3=1)
2W1-2 Phase Excitation Timing Chart (M3=1)
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
0
1
1
B
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
1
0
100%
72%
100%
72%
Vref A
Vref B
0
1
B
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
0
1
1
1
B
100%
72%
41%
100%
93%
93%
72%
41%
Vref A
Vref B
100%
93%
84%
72%
55%
41%
21%
100%
93%
84%
72%
55%
41%
21%
Vref A
Vref B


Similar Part No. - STK672-400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-400 SANYO-STK672-400 Datasheet
137Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-400C-E SANYO-STK672-400C-E Datasheet
137Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-400C-E ONSEMI-STK672-400C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

Similar Description - STK672-400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com