Electronic Components Datasheet Search |
|
M37516M6-A46HP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
M37516M6-A46HP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor |
4 / 54 page 4/54 M37516M6-XXXHP GNOK-M37516M6-XXXHP-50 (MSETSU 2) PA GE VCC, VSS PIN DESCRIPTION Functions Name Pin •Apply voltage of 2.7 V – 5.5 V to Vcc, and 0 V to Vss. •This pin controls the operation mode of the chip. •Normally connected to VSS. •Reset input pin for active “L.” •Input and output pins for the clock generating circuit. •Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set the oscillation frequency. •When an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open. Power source Table 1 Pin description Function except a port function Clock input Clock output I/O port P0 CNVSS input CNVSS RESET Reset input XIN XOUT P00/SIN2 P01/SOUT2 P02/SCLK2 P03/SRDY2 • Sub-clock generating circuit I/O pins (connect a resonator) I/O port P1 I/O port P2 P04–P07 I/O port P3 I/O port P4 •8-bit CMOS I/O port. •I/O direction register allows each pin to be individually programmed as either input or output. •CMOS compatible input level. •P22 to P25 can be switched between CMOS compat- ible input level or SMBUS input level in the I2C-BUS interface function. •P20, P21, P24 to P27: CMOS3-state output structure. •P24, P25: N-channel open-drain structure in the I2C- BUS interface function. •P22, P23: N-channel open-drain structure. •8-bit CMOS I/O port with the same function as port P0. •CMOS compatible input level. •CMOS 3-state output structure. •8-bit CMOS I/O port with the same function as port P0. •CMOS compatible input level. •CMOS 3-state output structure. • I2C-BUS interface function pins • I2C-BUS interface function pin/ Serial I/O1 function pins • Serial I/O1 function pin • Serial I/O1 function pin/ Timer X function pin • A-D converter input pin • Timer Y function pin • Interrupt input pins • Interrupt input pins • SCMP2 output pin • Interrupt input pin • PWM output pin P10–P17 P20/XCOUT P21/XCIN P24/SDA2/RxD P25/SCL2/TxD P22/SDA1 P23/SCL1 P26/SCLK •8-bit CMOS I/O port. •I/O direction register allows each pin to be individually programmed as either input or output. •CMOS compatible input level. •CMOS 3-state output structure. •P10 to P17 (8 bits) are enabled to output large current for LED drive. • Serial I/O2 function pins P27/CNTR0/ SRDY1 P30/AN0– P37/AN7 P40/CNTR1 P43/INT2/SCMP2 P44/INT3/PWM P45–P47 P41/INT0 P42/INT1 |
Similar Part No. - M37516M6-A46HP |
|
Similar Description - M37516M6-A46HP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |