Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54151A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54151A
Description  Data Selectors/Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54151A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54151A Datasheet HTML 1Page - National Semiconductor (TI) 54151A Datasheet HTML 2Page - National Semiconductor (TI) 54151A Datasheet HTML 3Page - National Semiconductor (TI) 54151A Datasheet HTML 4Page - National Semiconductor (TI) 54151A Datasheet HTML 5Page - National Semiconductor (TI) 54151A Datasheet HTML 6Page - National Semiconductor (TI) 54151A Datasheet HTML 7Page - National Semiconductor (TI) 54151A Datasheet HTML 8Page - National Semiconductor (TI) 54151A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
’151A Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
mA
IOS
Short Circuit
VCC e Max
DM54
b
20
b
55
mA
Output Current
(Note 2)
DM74
b
18
b
55
ICC
Supply Current
VCC e Max (Note 3)
27
48
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
ICC is measured with the strobe and data select inputs at 45V all other inputs and outputs open
’151A Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
tPLH
Propagation Delay Time
Select
38
ns
Low to High Level Output
(4 Levels) to Y
tPHL
Propagation Delay Time
Select
30
ns
High to Low Level Output
(4 Levels) to Y
tPLH
Propagation Delay Time
Select
26
ns
Low to High Level Output
(3 Levels) to W
tPHL
Propagation Delay Time
Select
30
ns
High to Low Level Output
(3 Levels) to W
tPLH
Propagation Delay Time
Strobe
33
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Strobe
30
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Strobe
21
ns
Low to High Level Output
to W
tPHL
Propagation Delay Time
Strobe
25
ns
High to Low Level Output
to W
tPLH
Propagation Delay Time
D0-D7
24
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
D0-D7
24
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
D0-D7
14
ns
Low to High Level Output
to W
tPHL
Propagation Delay Time
D0-D7
14
ns
High to Low Level Output
to W
4


Similar Part No. - 54151A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5415105-1 TEC-5415105-1 Datasheet
988Kb / 34P
   RF Coax Connectors
5415105-2 TEC-5415105-2 Datasheet
988Kb / 34P
   RF Coax Connectors
5415189-1 TEC-5415189-1 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Festo Corporation.
541519 FESTO-541519 Datasheet
73Kb / 1P
   Connection block
More results

Similar Description - 54151A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74150J TI-SN74150J Datasheet
1Mb / 25P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74150 FAIRCHILD-DM74150 Datasheet
47Kb / 4P
   Data Selectors/Multiplexers
logo
Texas Instruments
SN54150 TI1-SN54150_16 Datasheet
1Mb / 24P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN54150 TI-SN54150_07 Datasheet
1Mb / 32P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN54150 TI-SN54150 Datasheet
822Kb / 22P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
logo
NXP Semiconductors
74F157A PHILIPS-74F157A Datasheet
84Kb / 10P
   Data selectors/multiplexers
1996 Mar 12
logo
National Semiconductor ...
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com