Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPL-OR-8F-EBX-IDFF Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # SPPL-OR-8F-EBX-IDFF
Description  Support CPRI 3-6 application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPL-OR-8F-EBX-IDFF Datasheet(HTML) 6 Page - Source Photonics, Inc.

  SPPL-OR-8F-EBX-IDFF Datasheet HTML 1Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 2Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 3Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 4Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 5Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 6Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary Datasheet Preliminary Datasheet
DS-7750
Rev 00 2014-06-05
Preliminary Datasheet
SPPL-OR-8F-EBX-IDFF
Notes:
1.
The module ground pins are isolated from the module case.
2.
The pins shall be pulled up with 4.7K-10Kohms to a voltage between 3.14V and 3.46V on host board.
3.
The pin is pulled up to VCCT with a 4.7K-10KΩ resistor in the module.
4.
The pins are pulled low to VEET with a >30kΩ resistor in the module.
Mechanical Diagram
Figure 4, Mechanical Diagram of SFP+
Order Information
Table 7 – Order Information
Part No.
Application
Data Rate
Laser Source
Fiber Type
Latch color
SPPL-OR-8F-EBX-IDFF
CPRI 3-6
6.144G
1330nm DFB
SMF
Green


Similar Part No. - SPPL-OR-8F-EBX-IDFF

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPPL-OR-8F-BX-IDFF SOURCE-SPPL-OR-8F-BX-IDFF Datasheet
175Kb / 7P
   Support 6.25G CPRI application
More results

Similar Description - SPPL-OR-8F-EBX-IDFF

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPPL-RO-8F-BX-IDFF SOURCE-SPPL-RO-8F-BX-IDFF Datasheet
174Kb / 7P
   Support 6.25G CPRI application
SPPL-OR-8F-BX-IDFF SOURCE-SPPL-OR-8F-BX-IDFF Datasheet
175Kb / 7P
   Support 6.25G CPRI application
SPP-8F-LR-IDFP SOURCE-SPP-8F-LR-IDFP Datasheet
239Kb / 7P
   Support CPRI application update to 6.144G
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPPL-OR-XE-BX-IDFF SOURCE-SPPL-OR-XE-BX-IDFF Datasheet
345Kb / 7P
   Support 10G Ethernet, CPRI and Fiber Channel application
SPPL-RO-XE-BX-IDFF SOURCE-SPPL-RO-XE-BX-IDFF Datasheet
326Kb / 7P
   Support 10G Ethernet, CPRI and Fiber Channel application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SP-MR-SR1-IDFD SOURCE-SP-MR-SR1-IDFD Datasheet
256Kb / 9P
   Support 614.4 - 2457.6Mbps CPRI multi rate
CPC-44-MR-LR-CLFA SOURCE-CPC-44-MR-LR-CLFA Datasheet
381Kb / 6P
   Support 40GBASE-LR4 application
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com