Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMP-78253 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # KMP-78253
Description  MAX253 Compatible Converter Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

KMP-78253 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  KMP-78253 Datasheet HTML 1Page - Murata Power Solutions Inc. KMP-78253 Datasheet HTML 2Page - Murata Power Solutions Inc. KMP-78253 Datasheet HTML 3Page - Murata Power Solutions Inc. KMP-78253 Datasheet HTML 4Page - Murata Power Solutions Inc. KMP-78253 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KMP_78253C_D05 Page 1 of 5
78253 Series
MAX253 Compatible Converter Transformers
www.murata-ps.com
www.murata-ps.com/support
 
For full details go to
www.cd4power.com/rohs
For full details go to
www.murata-ps.com/rohs
FEATURES
n
RoHS compliant
n
Maxim MAX253 compatible
n
3.3V and 5V versions
n
Isolation to 4kVDC
n
Frequency range to 500kHZ
n
Toroidal construction
n
Industry-standard pinout
n
UL 94 V-0 package materials
n
Fully encapsulated
n
Low profile
n
Surface mount option
n
Industrial temperature range
DESCRIPTION
The 78253 series of converter transformers are
specifically designed for use with the MAX253
chip set to provide isolated power supplies. The
5V version can supply 1W and the 3.3V version
can supply 500mW. A centre tapped secondary
winding allows for full bridge, half bridge or
voltage doubling.
Surface-mount parts
The surface-mount (M suffix) products are not
recommended for new designs. For existing designs,
however, Murata Power Solutions will continue to
manufacture and fully support these parts.
For recommended alternatives please refer to the
78253J Series datasheet.
SELECTION GUIDE
Order Code
Input Voltage
Output
Voltage
Max. Output
Current
Isolation
Voltage
Turns
Ratio
Package
Style
V
V
mA
VDC
78253/35C
3.3
5.0
100
1500
1:2.27
DIL
78253/35MC
SM
78253/55C
5.0
5.0
200
1500
1:1.31
DIL
78253/55MC
SM
78253/35VC
3.3
5.0
100
4000
1:2.14
DIL
78253/35MVC
SM
78253/55VC
5.0
5.0
200
4000
1:1.33
DIL
78253/55MVC
SM
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
78253/XX(V)C
6 Pin DIL
Tube
50
78253/XXM(V)C
6 Pin SM
Tube
50
78253/XXM(V)C-R
6 Pin SM
Tape & Reel
500
78253/35(M)C CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
100kHz, 250mV
0.30
0.38
0.46
mH
Secondary Inductance, L
S
100kHz, 250mV
1.60
2.00
2.40
mH
Leakage Inductance, L
L
100kHz, 250mV
0.30
1.00
μH
Interwinding Capacitance, C
WW
100kHz, 250mV
30
50
pF
Primary D.C. Resistance, R
DC
>0.1VDC
0.40
1.00
Volt-time Product, Et
Pins 1/2 or 2/3
30
35
Vμs
78253/55(M)C CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
100kHz, 250mV
0.60
0.83
1.10
mH
Secondary Inductance, L
S
100kHz, 250mV
1.10
1.40
1.70
mH
Leakage Inductance, L
L
100kHz, 250mV
0.35
1.00
μH
Interwinding Capacitance, C
WW
100kHz, 250mV
30
50
pF
Primary D.C. Resistance, R
DC
>0.1VDC
0.70
1.50
Volt-time Product, Et
Pins 1/2 or 2/3
40
50
Vμs
78253/35(M)VC CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
100kHz, 20mV
110
142
185
μH
Secondary Inductance, L
S
100kHz, 20mV
550
710
850
μH
Leakage Inductance, L
L
100kHz, 250mV
3.00
5.00
μH
Interwinding Capacitance, C
WW
100kHz, 250mV
4.20
8.00
pF
Primary D.C. Resistance, R
DC
>0.1VDC
0.30
0.50
Volt-time Product, Et
Pins 1/2 or 2/3
18
22
Vμs
78253/55(M)VC CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, L
P
100kHz, 20mV
190
240
310
μH
Secondary Inductance, L
S
100kHz, 20mV
350
444
540
μH
Leakage Inductance, L
L
100kHz, 250mV
5.20
8.00
μH
Interwinding Capacitance, C
WW
100kHz, 250mV
4.20
8.00
pF
Primary D.C. Resistance, R
DC
>0.1VDC
0.40
0.60
Volt-time Product, Et
Pins 1/2 or 2/3
25
28
Vμs
All specifications typical at T
A=25°C


Similar Part No. - KMP-78253

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
KMP-78250J MURATA-PS-KMP-78250J Datasheet
406Kb / 3P
   MAX250/MAX251 Compatible Converter SM Transformers
More results

Similar Description - KMP-78253

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
78253-55MVC MURATA-78253-55MVC Datasheet
525Kb / 5P
   MAX253 Compatible Converter Transformers
logo
C&D Technologies
78253 CANDD-78253 Datasheet
168Kb / 2P
   MAX253 Compatible Converter Transformers
logo
Murata Manufacturing Co...
7825335C MURATA-7825335C Datasheet
525Kb / 5P
   MAX253 Compatible Converter Transformers 3.3V and 5V versions
KMP_782485C MURATA-KMP_782485C Datasheet
106Kb / 2P
   ADM2485 Compatible Converter Transformers
logo
Murata Power Solutions ...
782100 MURATA-PS-782100 Datasheet
151Kb / 4P
   PE22100 Compatible Converter Transformers
logo
Rhombus Industries Inc.
T-941 RHOMBUS-IND-T-941 Datasheet
32Kb / 1P
   Pulse Transformers for Maxim "MAX253"||" "267870
8-bit HCS08 Central Processor Unit (CPU)
logo
Murata Manufacturing Co...
KMP_78250 MURATA-KMP_78250 Datasheet
146Kb / 3P
   MAX250 Compatible Converter Transformers
logo
Murata Power Solutions ...
782482 MURATA-PS-782482 Datasheet
106Kb / 2P
   ADM2482E/ADM2487E Compatible Converter Transformers
78250 MURATA-PS-78250 Datasheet
98Kb / 3P
   MAX250/MAX251 Compatible Converter Transformers
logo
Murata Manufacturing Co...
78250JC MURATA-78250JC Datasheet
406Kb / 3P
   MAX250/MAX251 Compatible Converter SM Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com