Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11867RV-MPB-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB11867RV-MPB-H
Description  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867RV-MPB-H Datasheet(HTML) 1 Page - ON Semiconductor

  LB11867RV-MPB-H Datasheet HTML 1Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 2Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 3Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 4Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 5Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 6Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 7Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 8Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Publication Order Number :
LB11867RV/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2015
June 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 11 of this data sheet.
LB11867RV
Overview
LB11867RV is a single-phase bipolar driving motor pre-driver with the
variable speed function compatible with external PWM signal. With a few
external parts, a highly-efficient and highly-silent variable drive fan motor
with low power consumption can be achieved. This product is best suited
for driving of the server requiring large air flow and large current and the
fan motor of consumer appliances.
Feature
 Single-phase full-wave driving pre-driver
 Low-saturation drive using external PMOS-NMOS enables
high-efficiency low power-consumption drive.
 Variable speed control possible with external PWM input
 Separately-excited upper direct PWM (f =30kHz) control method ensures highly silent speed control.
 Current limiting circuit incorporated
 Chopper type current limiting made at startup and during lock.
 Reactive current cut circuit incorporated
 Reactive current before phase changeover is cut, ensuring highly silent and low power-consumption drive.
 Minimum speed setting pin
 Minimum speed can be set by setting the resistance.
 Soft start setting pin
 Lock protection and automatic reset circuits incorporated
 RD (lock detection) output
 Thermal shutdown circuit incorporated
Typical Applications
 Computing & Peripherals
 Industrial
 Server
 Consumer Appliances
SSOP16 (225mil)
Monolithic Digital IC
For Fan Motor
Variable Speed Single-phase
Full-wave Pre-driver


Similar Part No. - LB11867RV-MPB-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11867RV-MPB-H ONSEMI-LB11867RV-MPB-H Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

Similar Description - LB11867RV-MPB-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com