Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11868V Datasheet(PDF) 7 Page - ON Semiconductor

Part # LB11868V
Description  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11868V Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LB11868V Datasheet HTML 3Page - ON Semiconductor LB11868V Datasheet HTML 4Page - ON Semiconductor LB11868V Datasheet HTML 5Page - ON Semiconductor LB11868V Datasheet HTML 6Page - ON Semiconductor LB11868V Datasheet HTML 7Page - ON Semiconductor LB11868V Datasheet HTML 8Page - ON Semiconductor LB11868V Datasheet HTML 9Page - ON Semiconductor LB11868V Datasheet HTML 10Page - ON Semiconductor LB11868V Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LB11868V
No.A1915-7/11
*15. KBSET pin
Pch kickback absorption circuit setting pin.
Open: The kickback absorption circuit is activated at a VCC voltage of 7.4V (typ) or above.
Pull-down to GND: Always OFF
Pull-up to REG: Always ON (but when the IC power is OFF, the kickback absorption circuit is OFF)
If the Pch load is to be reduced due to the large fan current, short the KBSET pin to GND, and use a zener diode
between the power supply on the power side and GND.
Kickback absorption circuit ON: At OUTPOFF, the OUTP voltage is clamped at VCC + 0.85V (at room temperature
and inflow current 5mA (typ)).
Kickback absorption circuit OFF: At OUTPOFF, the OUTP voltage is clamped at 18V or so (at room temperature and
inflow current 5mA (typ)) in order to protect the pin.
At OUTPOFF, the maximum inflow current must not be exceeded.
*16. Pch FET
If the Pch kickback absorption circuit is activated and a zener diode between the power supply and GND is not used,
the kickback during phase switching is absorbed by Pch.
Since the circuit is activated with a high voltage difference between the drain and source, select a FET with
sufficiently high capability.
*17. Nch FET
If the Nch gate voltage fluctuates significantly due to the effects of switching, insert a capacitor between the gate and
GND.
Since an Nch diode is used during coil current regeneration, select a FET with sufficiently high capability.


Similar Part No. - LB11868V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11868V SANYO-LB11868V Datasheet
264Kb / 11P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11868V ONSEMI-LB11868V Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V-TLM-H ONSEMI-LB11868V-TLM-H Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V-W-AH ONSEMI-LB11868V-W-AH Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
LB11868V ONSEMI-LB11868V_18 Datasheet
263Kb / 14P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 1
More results

Similar Description - LB11868V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com