Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTE541075A9E680 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HTE541075A9E680
Description  2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTE541075A9E680 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HTE541075A9E680 Datasheet HTML 1Page - List of Unclassifed Manufacturers HTE541075A9E680 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2012 HGST, a Western Digital company, 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the United States 12/11, rev. 9/12. All rights reserved.
Travelstar and Truetrack are trademarks of HGST, a Western Digital company.
The EcoTrac symbol identifies HGST hard drives that deliver on the principles of lower operating costs, safer product disposal and a more sustainable environment.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which HGST has obtained the rights to use, market and advertise the brand. The Travelstar trademark is
authorized for use in the Americas, EMEA, and the following Asia-Pacific countries and jurisdictions: Australia, Hong Kong, Japan, New Zealand, South Korea and Taiwan. Contact HGST for
additional information. HGST shall not be liable to third parties for unauthorized use of this document or unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty. Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on product specifications. Photographs may show design models.
DSTS5410A11EN-02
HGST Quality and Service
HGSTTravelstarharddiskdrivesaredesigned
tothehighestqualitystandardsandcontain
field-provencomponents.HGSTprovides
worldwidetechnicalsupportandintegration
servicestoenableglobalcustomerstobring
theirproductstomarketquickly.
How to read the Travelstar model number
HTS727575A9E364 = 750GB, SATA 3Gb/s
H = HGST
T = Travelstar
S = Standard (vs E for Enhanced Availability)
72 = 7200 RPM
10 = Full capacity — 1TB
10 = Capacity this model, 10 = 1TB
(75 = 750GB, 64 = 640GB)
A = Generation code
9 = 9.5mm z-height
E6 = SATA 6Gb/s with 512 emulation
8 = 8MB cache
0 = No encryption (1 = BDE,
5 = TCG Opal Encryption)
Information and Technical Support
www.hgst.com (Main Web site)
www.hgst.com/partners (Partner Web site)
North America
support_usa@hgst.com
Toll free: 1 888 426-5214, Direct: 1 408 717-8087
Asia Pacific
support_ap@hgst.com / 65 6840 9595
EMEA and UK
support_uk@hgst.com / 44 20 7133 0032
Germany
support_uk@hgst.com / 49 6929 993601
Program Support
Partners First Program
channelpartners@hgst.com
Specifications
Models
HTS541010A9E680
HTS541010A9E681
HTS541075A9E680
HTS541075A9E681
HTS541064A9E680
HTS541064A9E681
HTE541010A9E680
HTE541075A9E680
HTE541064A9E680
Configuration
Interface
SATA 6Gb/s
f
Capacity (GB)1
1TB / 750 / 640
f
Sector size (bytes)2
512e
f
Recording zones
30
f
Aerial density (max, Gbit/sq.in.)
694
f
Performance
Data buffer (MB)3
8
f
Rotational speed (RPM)
5400
f
Latency average (ms)
5.5
f
Media transfer rate (max, Mbits/sec)
998
f
Interface transfer rate (MB/sec)
600
f
Seek time
Average (typical) ms (read)4
12
f
Track to track (typical) ms (read)
1
f
Full stroke (typical) ms (read)
20
f
Reliability
Load/Unload cycle
600,000
f
Power on hours (POH) per month
N/A
730
Availability5
N/A
24x7
Power
Requirement
+5VDC (+-5%)
f
Dissipation
Startup (W, peak, max)
4.5
f
Seek (W, avg.)
1.8
f
Read/Write (W, avg.)
1.6
f
Performance idle (W, avg.)
1.5
f
Idle (Avg.)
Active idle (W, avg.)
0.8
N/A
Low power idle (W, avg.)
0.5
N/A
Standby (W, avg.)
0.2
f
Sleep (W)
0.1
f
Physical size
Height (max, mm)
9.5
f
Dimensions (width x depth, mm)
70 x 100
f
Weight (max, g)
102
f
Environmental (operating)
Shock (half-sine wave)
400G/2ms, 225G/1ms
f
Ambient temperature
0° to 60° C
f
Environmental (non-operating)
Shock (half-sine wave)
1000G/1 ms
f
Ambient temperature
-40° to 65° C
f
Acoustics (A-weighted sound power)
Idle (Bels, typical)
2.4
f
Seek (Bels, typical)
2.6
f
1 One GB is equal to one billion bytes and one TB equals 1,000GB
(one trillion bytes) when referring to hard drive capacity. Accessible
capacity may be less. Lower capacity models may not be available
in all markets.
2 Advanced Format drive: 4K physical sectors with 512 byte emulation
3 Portion of buffer used for firmware
4 Excludes command overhead
5 Designed for low duty cycle, non mission-critical applications in PC,
nearline and consumer electronics environments, which vary
application to application
Travelstar5K1000
Standard Models
EA Models


Similar Part No. - HTE541075A9E680

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HTE52 WILLOW-HTE52 Datasheet
3Mb / 2P
   Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
logo
Riedon Powertron
HTE52 RIEDON-HTE52 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
HTE52 RIEDON-HTE52 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
HTE52 RIEDON-HTE52 Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
More results

Similar Description - HTE541075A9E680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z7K500 ETC2-Z7K500 Datasheet
514Kb / 2P
   2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
   2.5-Inch SFF Enterprise Hard Disk Drives
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
Lite-On Technology Corp...
MHT2040AT LITEON-MHT2040AT Datasheet
710Kb / 2P
   MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
logo
List of Unclassifed Man...
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
USHE6 ETC2-USHE6 Datasheet
325Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
logo
Toshiba Semiconductor
MK1060GSC TOSHIBA-MK1060GSC Datasheet
255Kb / 2P
   2.5-Inch SATA Automotive-Grade Hard Disk Drive
03/2012
logo
AAEON Technology
9741681001 AAEON-9741681001 Datasheet
131Kb / 1P
   Supports Standard 2.5??Hard Disk
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com