Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP308SN330T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP308SN330T1G
Description  Low Quiescent Current, Programmable Delay Time Supervisory Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP308SN330T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP308SN330T1G Datasheet HTML 3Page - ON Semiconductor NCP308SN330T1G Datasheet HTML 4Page - ON Semiconductor NCP308SN330T1G Datasheet HTML 5Page - ON Semiconductor NCP308SN330T1G Datasheet HTML 6Page - ON Semiconductor NCP308SN330T1G Datasheet HTML 7Page - ON Semiconductor NCP308SN330T1G Datasheet HTML 8Page - ON Semiconductor NCP308SN330T1G Datasheet HTML 9Page - ON Semiconductor NCP308SN330T1G Datasheet HTML 10Page - ON Semiconductor NCP308SN330T1G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCP308, NCV308
www.onsemi.com
8
NCP308XX330
SENSE
CT
GND
VDD
NCP308XX120
SENSE
CT
GND
VDD
3.3 V
DSP/
RESET
1.2 V
Figure 13.
Using MR to Monitor Multiple System Voltages
MR
RESET
Processor
MR
RESET
Setting Reset Delay Time
The NCP308 has three options for setting the reset delay
time as shown in Table 5. Figure 14 shows the configuration
for a fixed 300 ms typical delay time by tying CT to VDD;
a resistor from 40 k
W to 200 kW must be used. Figure 15
shows a fixed 20 ms delay time by leaving the CT pin
unconnected.
Figure 16 shows a user−defined program time between
1.25 ms and 10 s by connecting a capacitor between CT pin
and ground.
3.3 V
MR
Rpullup
SENSE
CT
GND
VDD
50k
Figure 14. Delay Time Fixed to 300 ms when CT
Connected to VDD by Resistor
MR
RESET
3.3V
MR
Rpullup
SENSE
CT
GND
VDD
Figure 15. Delay Time Fixed to 20 ms when CT is
Open
MR
RESET
3.3 V
MR
Rpullup
SENSE
CT
GND
VDD
CT
Figure 16. Delay Time Set by Capacitor
MR
RESET
The capacitor CT should be
≥ 100 pF for NCP308 to
recognize that the capacitor is present. The capacitor value
for a given delay time can be calculated using the following
equation:


Similar Part No. - NCP308SN330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP300 ONSEMI-NCP300 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300 ONSEMI-NCP300 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP308SN330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308 ONSEMI-NCV308 Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com