Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4206MNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4206MNR2G
Description  Digital Programmable Multi-Phase Synchronous Buck Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4206MNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4206MNR2G Datasheet HTML 1Page - ON Semiconductor NCP4206MNR2G Datasheet HTML 2Page - ON Semiconductor NCP4206MNR2G Datasheet HTML 3Page - ON Semiconductor NCP4206MNR2G Datasheet HTML 4Page - ON Semiconductor NCP4206MNR2G Datasheet HTML 5Page - ON Semiconductor NCP4206MNR2G Datasheet HTML 6Page - ON Semiconductor NCP4206MNR2G Datasheet HTML 7Page - ON Semiconductor NCP4206MNR2G Datasheet HTML 8Page - ON Semiconductor NCP4206MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NCP4206
http://onsemi.com
3
IREF
IMON
VCC3
ALERT
SDA
SCL
EN
GND
RT
PWM3
PWM4
SW3
SW4
SW5
SW6
NCP4206
PWRGD
PWM5
PWM6
SW2
SW1
1
2
3
4
8
7
6
5
ADP3121
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
2.2W 18nF
4.7uF
150 nH
10W
4.7uF
10nF
1
2
3
4
8
7
6
5
ADP3121
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
2.2W 18nF
4.7uF
150 nH
10W
4.7uF
10nF
1
2
3
4
8
7
6
5
ADP3121
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
2.2W 18nF
4.7uF
150 nH
10W
4.7uF
10nF
1
2
3
4
8
7
6
5
ADP3121
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
2.2W 18nF
4.7uF
150 nH
10W
4.7uF
10nF
1
2
3
4
8
7
6
5
ADP3121
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
2.2W 18nF
4.7uF
150 nH
10W
4.7uF
10nF
1
2
3
4
8
7
6
5
ADP3121
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
2.2W 18nF
4.7uF
150 nH
10W
4.7uF
10nF
121k
W
1kW
1kW
1kW
1kW
1kW
1kW
220k
W
VTT I/O
POWER GOOD
PSI
Vin 12V
Vcc Core
Vcc Core (RTN)
1nF
4.99k
W
4.7uF
ALERT
SMBus
Interface
NC
NC
VCC
VCC
Figure 2. Applications Schematic
1200 uF
16 V
++
1 uF
X7R
1 k
1 uF
X7R
1500 pF
X7R
1500 pF
X7R
82.5 k
35.7 k
100 k Thermistor
5 %
SW3
SW4
SW5
SW6
SW2
SW1
1.21 k
3.3 pF
470 pF
X7R
470 pF
X7R
32.4 k
1000 pF
Vcc Sense
Vcc Sense


Similar Part No. - NCP4206MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4201 ONSEMI-NCP4201 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
More results

Similar Description - NCP4206MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
logo
International Rectifier
CHL8316 IRF-CHL8316 Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller Programmable 1-phase to 6-phase operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com