Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP308MT250TBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP308MT250TBG
Description  Low Quiescent Current, Programmable Delay Time Supervisory Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP308MT250TBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP308MT250TBG Datasheet HTML 1Page - ON Semiconductor NCP308MT250TBG Datasheet HTML 2Page - ON Semiconductor NCP308MT250TBG Datasheet HTML 3Page - ON Semiconductor NCP308MT250TBG Datasheet HTML 4Page - ON Semiconductor NCP308MT250TBG Datasheet HTML 5Page - ON Semiconductor NCP308MT250TBG Datasheet HTML 6Page - ON Semiconductor NCP308MT250TBG Datasheet HTML 7Page - ON Semiconductor NCP308MT250TBG Datasheet HTML 8Page - ON Semiconductor NCP308MT250TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP308, NCV308
www.onsemi.com
4
Table 3. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input voltage range, VDD
VDD
−0.3 to + 6.0
V
CT voltage range VCT, RESET, MR
Current through CT pin
ICT
−0.3 to VDD +0.3 ≤ 6.0
10
V
mA
SENSE pin voltage
−0.3 to + 8.0
V
RESET pin current
5
mA
Thermal Resistance Junction−to−Air
TSOP−6
WDFN6
RqJA
305
220
°C/W
Human Body Model (HBM) ESD Rating (Note 1)
ESD HBM
2000
V
Machine Model (MM) ESD Rating (Note 1)
ESD MM
100
V
Charged Device Model (CDM) ESD Rating (Note 1)
ESD CDM
500
V
Latch up Current: (Note 2)
All pins, except digital pins
Digital pins (MR)
ILU
±100
±10
mA
Storage Temperature Range
TSTG
−65 to + 150
°C
Maximum Junction Temperature
TJ
−40 to +150
°C
Moisture Sensitivity (Note 3)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and passes the following tests:
Human Body Model (HBM) +/−2.0 kV per JEDEC standard: JESD22−A114
Machine Model (MM) +/−100 V per JEDEC standard: JESD22−A115
Charged Device Model (CDM) 500 V per JEDEC standard: JESD22−C101.
2. Latch up Current per JEDEC standard: JESD78 class II.
3. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.


Similar Part No. - NCP308MT250TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP300 ONSEMI-NCP300 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300 ONSEMI-NCP300 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP308MT250TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308 ONSEMI-NCV308 Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com