Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45540IMNTWG.H Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP45540IMNTWG.H
Description  Advanced Load Management
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45540IMNTWG.H Datasheet(HTML) 1 Page - ON Semiconductor

  NCP45540IMNTWG.H Datasheet HTML 1Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 2Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 3Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 4Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 5Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 6Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 7Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 8Page - ON Semiconductor NCP45540IMNTWG.H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 3
1
Publication Order Number:
NCP45540/D
NCP45540
ecoSWITCH
t
Advanced Load Management
Controlled Load Switch with Low RON
The NCP45540 load switch provides a component and
area-reducing solution for efficient power domain switching with
inrush current limit via soft−start. In addition to integrated control
functionality with ultra low on−resistance, this device offers system
safeguards and monitoring via fault protection and power good
signaling. This cost effective solution is ideal for power management
and hot-swap applications requiring low power consumption in a
small footprint.
Features
Advanced Controller with Charge Pump
Integrated N-Channel MOSFET with Low RON
Input Voltage Range 0.5 V to 13.5 V
Soft-Start via Controlled Slew Rate
Adjustable Slew Rate Control
Power Good Signal
Thermal Shutdown
Undervoltage Lockout
Short-Circuit Protection
Extremely Low Standby Current
Load Bleed (Quick Discharge)
This is a Pb−Free Device
Typical Applications
Portable Electronics and Systems
Notebook and Tablet Computers
Telecom, Networking, Medical, and Industrial Equipment
Set−Top Boxes, Servers, and Gateways
Hot−Swap Devices and Peripheral Ports
Figure 1. Block Diagram
EN
Bandgap
&
Biases
Charge
Pump
Delay and
Slew Rate
Control
GND
BLEED
Thermal,
Undervoltage
&
Short−Circuit
Protection
SR
Control
Logic
PG
VOUT
VIN
VCC
MARKING DIAGRAM
www.onsemi.com
RON TYP
VCC
IMAX
3.3 m
W
3.3 V
20 A
3.3 V
3.6 m
W
VIN
1.8 V
5.0 V
PIN CONFIGURATION
(Top View)
See detailed ordering and shipping information on page 12 of
this data sheet.
ORDERING INFORMATION
x
= H for NCP45540−H
= L for NCP45540−L
A = Assembly Location
L
= Wafer Lot
Y = Year
W = Work Week
G = Pb−Free Package
(Note: Microdot may be in either location)
4.8 m
W
3.3 V
12 V
1
EN
GND
4
2
3
12
11
10
9
13: VIN
VOUT
VOUT
VCC
VIN
NCP45
540−x
ALYW
G
G
SR
NC
5
8
PG
BLEED
6
7
VOUT
VOUT
DFN12, 3x3
CASE 506CD
1


Similar Part No. - NCP45540IMNTWG.H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45540IMNTWG-H ONSEMI-NCP45540IMNTWG-H Datasheet
169Kb / 13P
   ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45540IMNTWG-L ONSEMI-NCP45540IMNTWG-L Datasheet
169Kb / 13P
   ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
More results

Similar Description - NCP45540IMNTWG.H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4547 ONSEMI-NCP4547 Datasheet
247Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 2
NCP45520 ONSEMI-NCP45520_14 Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45560 ONSEMI-NCP45560_15 Datasheet
130Kb / 13P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45522 ONSEMI-NCP45522 Datasheet
107Kb / 10P
   Advanced Load Management
September, 2014 ??Rev. 1
NCP45541 ONSEMI-NCP45541 Datasheet
118Kb / 12P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45524 ONSEMI-NCP45524_14 Datasheet
120Kb / 14P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45526 ONSEMI-NCP45526 Datasheet
91Kb / 9P
   Advanced Load Management
September, 2014 ??Rev. 2
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 4
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com