Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP308MT500TBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP308MT500TBG
Description  Low Quiescent Current, Programmable Delay Time Supervisory Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP308MT500TBG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP308MT500TBG Datasheet HTML 3Page - ON Semiconductor NCP308MT500TBG Datasheet HTML 4Page - ON Semiconductor NCP308MT500TBG Datasheet HTML 5Page - ON Semiconductor NCP308MT500TBG Datasheet HTML 6Page - ON Semiconductor NCP308MT500TBG Datasheet HTML 7Page - ON Semiconductor NCP308MT500TBG Datasheet HTML 8Page - ON Semiconductor NCP308MT500TBG Datasheet HTML 9Page - ON Semiconductor NCP308MT500TBG Datasheet HTML 10Page - ON Semiconductor NCP308MT500TBG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NCP308, NCV308
www.onsemi.com
7
DETAILED DESCRIPTION
The NCP308 microprocessor supervisory product family
is designed to assert a RESET signal when either the SENSE
pin voltage drops below VIT or the Manual Reset input (MR)
is driven low. The RESET output remains asserted for a
programmable delay time after both MR and SENSE
voltages return above the respective thresholds. A broad
range of voltage threshold and reset delay time options are
available, allowing NCP308 series to be used in a wide range
of applications.
Reset threshold voltages can be factory−set from 0.82 V
to 3.3 V or from 4.4 V to 5.0 V, while the NCP308XXADJ
can be used for any voltage above 0.405 V using an external
resistor divider.
Flexible delay time can be easily got with CT pin
according to Table 5:
Table 5. DELAY TIME SETTING TABLE
CT pin Configuration
Delay Time (tD)
CT = VDD
300 ms (fixed)
CT = Open
20 ms (fixed)
Connecting a capacitor be-
tween pin CT and GND
(Capacitor CT value >
100 pF)
1.25 ms ~ 10 s, depends on
capacitor value (Refer to the
Setting Reset Delay Time
Section)
Output
The RESET output is typically connected to the RESET
control pin of a microprocessor. For Open−Drain output
versions, a pull−up resistor must be used to hold this line
high when RESET is not asserted. The RESET output is
active once VDD is over VDD(min), this voltage is much
lower than most microprocessors’ functional voltage range.
RESET remains high as long as SENSE is above its
threshold (VIT) and the Manual Reset input (MR) is logic
high. If either SENSE falls below VIT or MR is driven low,
RESET is asserted.
Once MR is again logic high and SENSE is above (VIT +
VHYS), the RESET pin goes to a high impedance state after
delay time (tD). The open−drain structure of RESET is
capable to allow the reset signal for the microprocessor to
have a voltage higher than VDD (up to 5.5 V). The pull−up
resistor should be no smaller than 10 k
W as a result of the
finite impedance of the RESET line.
SENSE Input
The SENSE input should be connected to the monitored
voltage directly. If the voltage on this pin drops below VIT,
then RESET is asserted. The comparator has a built−in
hysteresis to prevent erratic reset operation. It is good
practice to put a 1 nF to 10 nF bypass capacitor on the
SENSE input to reduce its sensitivity to transients and layout
parasitic.
The NCP308XXADJ can be used to monitor any voltage
rail down to 0.405 V by the circuit shown in Figure 12. The
new VIT’ can be derived from resistor divider network of R1
and R2 by:
V
IT +
R1
R2
) 1
V
IT
(eq. 1)
VIN
VDD
(Optional)
Rpullup
SENSE
CT
GND
VDD
CT
R1
R2
1 nF
(Optional)
NCP308XXADJ
Figure 12. Using NCP308XXADJ to Monitor a
User−Defined Threshold Voltage
MR
RESET
MR
Manual Reset Input (MR)
The Manual Reset input (MR) allows a processor or other
logic circuits to initiate a reset. A logic low on MR causes
RESET to assert. After MR returns to a logic high and
SENSE is above its reset threshold, RESET is de−asserted
after the delay time set by CT pin. MR is internally tied to
VDD by a 90 k
W resistor so this pin can be left unconnected
if MR will not be used.
Figure 13 shows how MR can be used to monitor multiple
system voltages (e.g. I/O supply voltage of some
DSP/processors should be setup before core voltage, and
DSP/processor can only start after both I/O and core
voltages setup).


Similar Part No. - NCP308MT500TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP300 ONSEMI-NCP300 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300 ONSEMI-NCP300 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP308MT500TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308 ONSEMI-NCV308 Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com