Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81146MNTBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP81146MNTBG
Description  Compatible Synchronous Buck MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81146MNTBG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP81146MNTBG Datasheet HTML 1Page - ON Semiconductor NCP81146MNTBG Datasheet HTML 2Page - ON Semiconductor NCP81146MNTBG Datasheet HTML 3Page - ON Semiconductor NCP81146MNTBG Datasheet HTML 4Page - ON Semiconductor NCP81146MNTBG Datasheet HTML 5Page - ON Semiconductor NCP81146MNTBG Datasheet HTML 6Page - ON Semiconductor NCP81146MNTBG Datasheet HTML 7Page - ON Semiconductor NCP81146MNTBG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP81146
http://onsemi.com
3
Figure 3. Application Circuit
VREG_SW1_HG
VCCP
TP3
VREG_SW1_OUT
VREG_SW1_LG
TP6
TP7
TP8
TP4
TP1
TP2
TP5
NTMFS4851N
NTMFS4851N
Q9
Q10
NTMFS4821N
Q1
NCP81146
BST
PWM
EN
VCC
HG
SW
GND
LG
PAD
DRON
PWM
CSN11
CSP11
C1
C2
C3
CE9
L
R3
C6
R164
12V_POWER
R1
R143
C4
0.027uF
0.0
1.02
C5
1uF
R142
0.0
0.0
2.2
2700pF
235nH
4.7uF
4.7uF
4.7uF
390uF
+
JP13_ETCH
JP14_ETCH
Table 2. ABSOLUTE MAXIMUM RATINGS
Pin Symbol
Pin Name
VMAX
VMIN
VCC
Main Supply Voltage Input
15 V
−0.3 V
BST
Bootstrap Supply Voltage
35 V wrt/ GND
40 V ≤ 50 ns wrt/ GND
15 V wrt/ SW
−0.3 V wrt/SW
SW
Switching Node
(Bootstrap Supply Return)
35 V
40 V ≤ 50 ns
−5 V
−10 V (200 ns)
DRVH
High Side Driver Output
BST+0.3 V
−0.3 V wrt/SW
−2 V (<200 ns) wrt/SW
DRVL
Low Side Driver Output
VCC+0.3 V
−0.3 V DC
−5 V (<200 ns)
PWM
DRVH and DRVL Control Input
6.5 V
−0.3 V
EN
Enable Pin
6.5 V
−0.3 V
GND
Ground
0 V
0 V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. THERMAL INFORMATION (All signals referenced to AGND unless noted otherwise)
Symbol
Parameter
Value
Unit
RqJA
Thermal Characteristic (Note 1)
74
°C/W
TJ
Operating Junction Temperature Range (Note 2)
−40 to +150
°C
TA
Operating Ambient Temperature Range
−40 to +125
°C
TSTG
Maximum Storage Temperature Range
−55 to +150
°C
MSL
Moisture Sensitivity Level
1
* The maximum package power dissipation must be observed.
1. I in2 Cu, 1 oz thickness.
2. Operation at −40°C to −10°C guaranteed by design, not production tested.


Similar Part No. - NCP81146MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81140 ONSEMI-NCP81140 Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81140MNTXG ONSEMI-NCP81140MNTXG Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81141 ONSEMI-NCP81141 Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP81141MNTWG ONSEMI-NCP81141MNTWG Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP81141MNTXG ONSEMI-NCP81141MNTXG Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
More results

Similar Description - NCP81146MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901MNTBG ONSEMI-NCP5901MNTBG Datasheet
140Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81161 ONSEMI-NCP81161 Datasheet
131Kb / 8P
   VR12.5 Compatible Synchronous Buck MOSFET Drivers
August, 2013 ??Rev. 2
NCP5901B ONSEMI-NCP5901B Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BMNTBG ONSEMI-NCP5901BMNTBG Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com