Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81151MNTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP81151MNTAG
Description  Compatible Synchronous Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81151MNTAG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP81151MNTAG Datasheet HTML 1Page - ON Semiconductor NCP81151MNTAG Datasheet HTML 2Page - ON Semiconductor NCP81151MNTAG Datasheet HTML 3Page - ON Semiconductor NCP81151MNTAG Datasheet HTML 4Page - ON Semiconductor NCP81151MNTAG Datasheet HTML 5Page - ON Semiconductor NCP81151MNTAG Datasheet HTML 6Page - ON Semiconductor NCP81151MNTAG Datasheet HTML 7Page - ON Semiconductor NCP81151MNTAG Datasheet HTML 8Page - ON Semiconductor NCP81151MNTAG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP81151
www.onsemi.com
4
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL INFORMATION
Symbol
Pin Name
VMAX
VMIN
VCC
Main Supply Voltage Input
6.5 V
−0.3 V
BST
Bootstrap Supply Voltage
35 V wrt/ GND
40 V v 50 ns wrt/ GND
6.5 V wrt/ SW
7.7 V < 50 ns wrt/ SW
−0.3 V wrt/SW
SW
Switching Node (Bootstrap Supply Return)
35 V
40 V v 50 ns
−5 V
−10 V (200 ns)
DRVH
High Side Driver Output
BST + 0.3 V
−0.3 V wrt/SW
−2 V (< 200 ns) wrt/SW
DRVL
Low Side Driver Output
VCC + 0.3 V
−0.3 V DC
−5 V (< 200 ns)
PWM
DRVH and DRVL Control Input
6.5 V
−0.3 V
EN
Enable Pin
6.5 V
−0.3 V
GND
Ground
0 V
0 V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
*All signals referenced to AGND unless noted otherwise.
THERMAL INFORMATION
Symbol
Parameter
Value
Unit
RqJA
Thermal Characteristic QFN Package (Note 1)
119
°C/W
TJ
Operating Junction Temperature Range (Note 2)
−40 to 150
°C
TA
Operating Ambient Temperature Range
−40 to +100
°C
TSTG
Maximum Storage Temperature Range
−55 to +150
°C
MSL
Moisture Sensitivity Level − QFN Package
1
*The maximum package power dissipation must be observed.
1. 1 in2 Cu, 1 oz. thickness.
2. JESD 51−7 (1S2P Direct−Attach Method) with 1 LFM.


Similar Part No. - NCP81151MNTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81151BMNTBG ONSEMI-NCP81151BMNTBG Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
More results

Similar Description - NCP81151MNTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81145 ONSEMI-NCP81145 Datasheet
129Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2013 ??Rev. 0
NCP5911 ONSEMI-NCP5911 Datasheet
130Kb / 9P
   IMVP7.0 Compatible Synchronous Buck MOSFET Driver
February, 2011 ??Rev. 1
logo
Intersil Corporation
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
logo
Renesas Technology Corp
ISL6627 RENESAS-ISL6627 Datasheet
578Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6627 INTERSIL-ISL6627 Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com