Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPF-60D-42 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-60D-42
Description  60W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-60D-42 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NPF-60D-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-60D-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-60D-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-60D-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-60D-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NPF-60D-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Highefficiency up to 90%
Protections: Short circuit / Over current / Over voltage
/ Over temperature
Cooling by free air convection
Fully isolated plastic case
Fully encapsulated withIP67 level
Class
power unit, no FG
Class 2 power unit
Built-in 3 in 1 dimming function
(0~10Vdc or PWM signal or resistance)
Suitable for dry / damp / wet locations
No load power consumption<0.5W
5 years warranty
■ Features
■ Applications
60W Single Output Switching Power Supply
NPF-60D series
IP67
FM
M
110
SELV
■ Model Encoding
■ Description
NPF-60D is one 60W waterproof single-output LED power supply series. In addition to the fundamental
LED driving function, NPF-60D is equipped witha built-in 3 in 1 dimming function (0~10Vdc, PWM
signal or resistance) that simplifies the brightness adjustment for system designers so as to achieve
light reduction and energy conservation. The entire series adopts the universal input range from
90VAC to 305VAC and incorporates the built-in PFC function. The enclosure design is a 94V-0 flame
retardant plastic case. The interior is fully potted with silicone that enhances the heat dissipation and
allows the power supply to meet the anti-vibration demand up to 5G; it also thus conforms to IP67 level,
enabling NPF-60D to be used in a highly dusty and highly humid harsh environment.
Output voltage
Built-in 3 in 1 dimming function
Output wattage
Series name
-
D12
NPF - 60
File Name:NPF-60D-SPEC 2015-11-30
Providing a high efficiency up to 90% and a low no load power consumption below 0.5W, NPF-60D
can satisfy the energy saving demand for the new generation LED lighting. The class
design
(without FG pin) and the double insulation weather-resistant cable (SJTW) on the input side make it
convenient for users to flexibly install on various types of lighting systems. The entire series can
operate under the temperature between -40~+70
and comply with the relevant global lighting
safety certification.
Indoor LED lighting
LED lighting decorative
LED architecture lighting
Moving sign
Tunnel lighting


Similar Part No. - NPF-60D-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60 MEANWELL-NPF-60 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
NPF-60-12 MEANWELL-NPF-60-12 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
NPF-60-15 MEANWELL-NPF-60-15 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
NPF-60-20 MEANWELL-NPF-60-20 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
NPF-60-24 MEANWELL-NPF-60-24 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
More results

Similar Description - NPF-60D-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com