Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA25U48-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SGA25U48-P1J
Description  25W AC-DC High Reliability Slim Wall-mounted Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SGA25U48-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SGA25U48-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SGA25U48-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SGA25U48-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25U series
File Name:SGA25U-SPEC 2015-10-02
SPECIFICATION
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
LIFE
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
9V
7.5V
12V
15V
18V
24V
48V
SGA25U05
SGA25U09
SGA25U07
SGA25U12
SGA25U15
SGA25U18
SGA25U24
SGA25U48
SGA25U05-P1J SGA25U07-P1J SGA25U09-P1J SGA25U12-P1J SGA25U15-P1J SGA25U18-P1J SGA25U24-P1J SGA25U48-P1J
4A
2.77A
2.93A
2.08A
1.66A
1.38A
1.04A
0.52A
0 ~ 4A
0 ~ 2.77A
0 ~ 2.93A
0 ~ 2.08A
0 ~ 1.66A
0 ~ 1.38A
0 ~ 1.04A
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
80mVp-p
120mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
90 ~ 264VAC
47 ~ 63Hz
0.65A / 115VAC
0.25A / 230VAC
40A / 115VAC
60A / 230VAC
0.25mA / 240VAC
TUV EN60950-1 approved
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
3 years : 100% load 40
, 8hours / day
450Khrs min. MIL-HDBK-217F(25
)
-20 ~ +60
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-20 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0 ~ 40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
75.5*32*47.5mm (L*W*H)
158g ; 60pcs / 10.5kg / CARTON
CONNECTOR
PLUG
CABLE
20W
0 ~ 0.52A
1.All parameters are specified at 115VAC input, rated load, 25 70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 10% to 100% rated load
7.Derating may be needed under low input voltages. Please check the static characteristics for more details.
8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
OVERLOAD
OVER VOLTAGE
120 ~ 180% rated output power
150 ~ 250% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
110 ~ 140% rated output voltage
Protection type : Clamp by zener diode, output short
Compliance to EN55022 class B, EN61000-3-2,3
300ms, 60ms, 18ms/230VAC
300ms, 60ms, 18ms/115VAC at full load
82%
86%
85.5%
86%
86.5%
86.5%
87%
88.5%
EMC EMISSION
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
Compliance to EN61000-4,-2,3,4,5,6,8,11, light industry level, criteria A
EMC IMMUNITY
VOLTAGE RANGE
Note.7
25W
22W
25W
25W
25W
25W
25W


Similar Part No. - SGA25U48-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E05-P1J MEANWELL-SGA25E05-P1J Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E07-P1J MEANWELL-SGA25E07-P1J Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E09-P1J MEANWELL-SGA25E09-P1J Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA25E12-P1J MEANWELL-SGA25E12-P1J Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA25U48-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60E MEANWELL-SGA60E Datasheet
88Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA60U MEANWELL-SGA60U Datasheet
75Kb / 3P
   60W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12U MEANWELL-SGA12U Datasheet
94Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com