Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80181 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z80181
Description  SMART ACCESS CONTROLLER (SAC??
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80181 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z80181 Datasheet HTML 1Page - Zilog, Inc. Z80181 Datasheet HTML 2Page - Zilog, Inc. Z80181 Datasheet HTML 3Page - Zilog, Inc. Z80181 Datasheet HTML 4Page - Zilog, Inc. Z80181 Datasheet HTML 5Page - Zilog, Inc. Z80181 Datasheet HTML 6Page - Zilog, Inc. Z80181 Datasheet HTML 7Page - Zilog, Inc. Z80181 Datasheet HTML 8Page - Zilog, Inc. Z80181 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
2-1
Zilog
DS971800500
Z80181
SMART ACCESS CONTROLLER SAC
PRELIMINARY PRODUCT SPECIFICATION
FEATURES
s
Z80180 Compatible MPU Core with 1 Channel of
Z85C30 SCC, Z80 CTC, Two 8-Bit General-Purpose
Parallel Ports, and Two Chip Select Signals.
s
High Speed Operation (10 MHz)
s
Low Power Consumption in Two Operating Modes:
- (TBD) mA Typ. (Run Mode)
- (TBD) mA Typ. (STOP Mode)
s
Wide Operational Voltage Range (5V
±10%)
s
TTL/CMOS Compatible
s
Clock Generator
s
One Channel of Z85C30 Serial Communication
Controller (SCC)
Z80181
SMART ACCESS CONTROLLER (SAC)
s
Z180 Compatible MPU Core Includes:
- Enhanced Z80 CPU Core
- Memory Management Unit (MMU) Enables Access
to 1MB of Memory
- Two Asynchronous Channels
- Two DMA Channels
- Two 16-Bit Timers
- Clocked Serial I/O Port
s
On-Board Z84C30 CTC
s
Two 8-Bit General-Purpose Parallel Ports
s
Memory Configurable RAM and ROM Chip Select Pins
s
100-Pin QFP Package
GENERAL DESCRIPTION
The Z80181 SACSmart Access Controller (hereinafter,
referred to as Z181 SAC) is a sophisticated 8-bit CMOS
microprocessor that combines a Z180-compatible MPU
(Z181 MPU), one channel of Z85C30 Serial Communica-
tion Controller (SCC), a Z80 CTC, two 8-bit general-pur-
pose parallel ports, and two chip select signals, into a
single 100-pin Quad Flat Pack (QFP) package (Figures 1
and 2). Created using Zilog's patented Superintegration
methodology of combining proprietary IC cores and cells,
this high-end intelligent peripheral controller is well-suited
for a broad range of intelligent communication control
applications such as terminals, printers, modems, and
slave communication processors for 8-, 16- and 32- bit
MPU based systems.
Information on enhancement/cost reductions of existing
hardware using Z80/Z180 with Z8530/Z85C30 applica-
tions is also included in this product specification.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.,
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS


Similar Part No. - Z80181

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
1Mb / 326P
   Z8018x Family MPU
Z80181 ZILOG-Z80181 Datasheet
1Mb / 326P
   Family MPU
More results

Similar Description - Z80181

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Moxa Inc.
WAC-1001 MOXA-WAC-1001 Datasheet
817Kb / 2P
   Industrial wireless access controller
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com