Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80181 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z80181
Description  SMART ACCESS CONTROLLER (SAC??
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80181 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z80181 Datasheet HTML 1Page - Zilog, Inc. Z80181 Datasheet HTML 2Page - Zilog, Inc. Z80181 Datasheet HTML 3Page - Zilog, Inc. Z80181 Datasheet HTML 4Page - Zilog, Inc. Z80181 Datasheet HTML 5Page - Zilog, Inc. Z80181 Datasheet HTML 6Page - Zilog, Inc. Z80181 Datasheet HTML 7Page - Zilog, Inc. Z80181 Datasheet HTML 8Page - Zilog, Inc. Z80181 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
2-5
Zilog
DS971800500
Z80181
SMART ACCESS CONTROLLER SAC
Pin Name
Pin Number
Input/Output, Tri-State
Function
/INT0
100
Wired-OR I/O, Active 0
Maskable Interrupt Request 0. Interrupt is generated by
peripheral devices. This signal is accepted if the interrupt
enable Flip-Flop (IFF) is set to “1”. Internally, the SCC and
CTC’s interrupt signals are connected to this line, and
require an external pull-up resistor.
/INT1,
1, 2,
In, Active 0
Maskable Interrupt Request 1 and 2. This signal is
/INT2
generated by external peripheral devices. The CPU hon-
ors these requests at the end of current instruction cycle as
long as the /NMI, /BUSREQ and /INT0 signals are inactive.
The CPU will acknowledge these interrupt requests with an
interrupt acknowledge cycle. Unlike the acknowledgment
for /INT0, during this cycle, neither /M1 or /IORQ will
become active.
/NMI
99
In, Active 0
Non-Maskable Interrupt Request Signal. This interrupt
request has a higher priority than the maskable interrupt
request and does not rely upon the state of the interrupt
enable Flip-Flop (IFF).
/HALT
81
Out, tri-state, Active 0
Halt Signal. This signal is asserted after the CPU has
executed either the HALT or SLP instruction, and is waiting
for either non-maskable interrupt maskable interrupt be-
fore operation can resume. It is also used with the /M1 and
ST signals to decode the status of the CPU machine cycle.
/BUSREQ
97
In, Active 0
BUS Request Signal. This signal is used by external
devices (such as a DMA controller) to request access to
the system bus. This request has higher priority than /NMI
and is always recognized at the end of the current machine
cycle. This signal will stop the CPU from executing further
instructions and place the address bus, data bus, /MREQ,
/IORQ, /RD and /WR signals into the high impedance state.
/BUSREQ is normally wired-OR and a pull-up resistor is
externally connected.
/BUSACK
96
Out, Active 0
Bus Acknowledge Signal. In response to /BUSREQ sig-
nal, /BUSACK informs a peripheral device that the address
bus, data bus, /MREQ, /IORQ, /RD and /WR signals have
been placed in the high impedance state.
/WAIT
95
Wired-OR I/O, Active 0
Wait Signal. /WAIT informs the CPU that the specified
memory or peripheral is not ready for a data transfer. As
long as /WAIT signal is active, the MPU is continuously kept
in the wait state. Internally, the /WAIT signal from the SCC
interface logic is connected to this line, and requires an
external pull-up resistor.


Similar Part No. - Z80181

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80181 ZILOG-Z80181 Datasheet
1Mb / 326P
   Z8018x Family MPU
Z80181 ZILOG-Z80181 Datasheet
1Mb / 326P
   Family MPU
More results

Similar Description - Z80181

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
Infineon Technologies A...
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
   ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
logo
Moxa Inc.
WAC-1001 MOXA-WAC-1001 Datasheet
817Kb / 2P
   Industrial wireless access controller
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com