Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT1A Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # SBT1A
Description  8-bit Single-chip Microcontroller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SBT1A Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button SBT1A Datasheet HTML 4Page - Panasonic Semiconductor SBT1A Datasheet HTML 5Page - Panasonic Semiconductor SBT1A Datasheet HTML 6Page - Panasonic Semiconductor SBT1A Datasheet HTML 7Page - Panasonic Semiconductor SBT1A Datasheet HTML 8Page - Panasonic Semiconductor SBT1A Datasheet HTML 9Page - Panasonic Semiconductor SBT1A Datasheet HTML 10Page - Panasonic Semiconductor SBT1A Datasheet HTML 11Page - Panasonic Semiconductor SBT1A Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MN101EF93G
8-bit Single-chip Microcontroller
Publication date: February 2015
8
PubNo. 21693-013E
1.3.2
Pin Specification
Pins
Special
Functions
I/O
Direction
Control
Pin
Control
Functions Description
P00
TM7IOB
in/out
P0DIR0
P0PLU0
Timer 7 input/output
SBI1A
in/out
Serial 1 data input
RXD1A
in/out
UART 1 data input
P01
TM8IOB
in/out
P0DIR1
P0PLU1
Timer 8 input/output
SBO1A
in/out
Serial 1 data input/output
TXD1A
in/out
UART 1 data input/output
OCD_DATA
in/out
On-boad programmer data pin
P02
SBT1A
in/out
P0DIR2
P0PLU2
Serial 1 clock input/output
OCD_CLK
in/out
On-boad programmer clock supply pin
P03
TM0IOB
in/out
P0DIR3
P0PLU3
Timer 0 input/output
TM2IOB
in/out
Timer 2 input/output
P04
-
in/out
P0DIR4
P0PLU4
-
P05
-
in/out
P0DIR5
P0PLU5
-
P06
-
in/out
P0DIR6
P0PLU6
-
P10
-
in/out
P0DIR10
P0PLU10
-
P20
IRQ0
in/out
P2DIR0
P2PLU0
External Interrupt 0
P21
IRQ1
in/out
P2DIR1
P2PLU1
External Interrupt 1
P22
IRQ2
in/out
P2DIR2
P2PLU2
External Interrupt 2
P23
IRQ3
in/out
P2DIR3
P2PLU3
External Interrupt3
P24
IRQ4
in/out
P2DIR4
P2PLU4
External Interrupt4
P25
OSC1
in/out
P2DIR5
P2PLU5
Ceramic/crystal high-speed clock input
P26
OSC2
in/out
P2DIR6
P2PLU6
Ceramic/crystal high-speed clock output
P27
NRST
in/out
-
-
Reset
P33
SB04B
in/out
P3DIR3
P3PLU3
Serial 4 data input/output
SDA4B
in/out
Multi-master IIC 4 data input/output
P34
SBT4B
in/out
P3DIR4
P3PLU4
Serial 4 clock input/output
SCL4B
in/out
Multi-master IIC 4 clock input/output
P35
SBI4B
in/out
P3DIR5
P3PLU5
Serial 4 data input
P43
SBO0B
in/out
P4DIR3
P4PLU3
Serial 0 data input/output
TXD0B
in/out
UART 0 data input/output
P44
SBI0B
in/out
P4DIR4
P4PLU4
Serial 0 data input
RXD0B
in/out
UART 0 data input
P45
SBT0B
in/out
P4DIR5
P4PLU5
Serial 0 clock input/output
P46
-
in/out
P4DIR6
P4PLU6
-
P47
-
in/out
P4DIR7
P4PLU7
-
P50
KEY0
in/out
P5DIR0
P5PLU0
Key interrupt 0
SBO0A
in/out
Serial 0 data input/output
TXD0A
in/out
UART 0 data input/output
P51
KEY1
in/out
P5DIR1
P5PLU1
Key interrupt 1
SBI0A
in/out
Serial 0 data input
RXD0A
in/out
UART 0 data input


Similar Part No. - SBT1A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT100-10G SANYO-SBT100-10G Datasheet
49Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 10A Rectifier
SBT100-16JS SANYO-SBT100-16JS Datasheet
74Kb / 3P
   160V, 10A Rectifier
SBT100-16LS SANYO-SBT100-16LS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
logo
Diotec Semiconductor
SBT10100 DIOTEC-SBT10100 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
SBT10100 DIOTEC-SBT10100 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier Diodes - Single Diode
More results

Similar Description - SBT1A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com