Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-102BK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-102BK
Description  Large Insulated Kelvin Battery Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-102BK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-102BK Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
 
 
BU‐102BK‐* 
 (Large Insulated Kelvin Battery Clip) 
 
 Large Kelvin (isolated jaws) Battery Clip
 Solder Lug Connection can be made with up to 0 AWG Wire.
 Length 6.5” (165 mm), Width = 1.2” (30), Height = 4.4” (112mm)
 Jaw Opens 1.6” (41mm) Max.
 Material: Handles – Glass filled Nylon
Jaws – Solid Copper
Buss – Solid Copper
Lug – Solid Copper
 Rating: 300 Amps
 The “*” in the part number indicates color: available colors are:
-0 Black,
-2 Red
 RoHS Compliant
 


Similar Part No. - BU-102BK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-102BK-0 ETC2-BU-102BK-0 Datasheet
50Kb / 1P
   Insulated Battery Clip has Kelvinized isolated jaws
BU-102BK-2 ETC2-BU-102BK-2 Datasheet
50Kb / 1P
   Insulated Battery Clip has Kelvinized isolated jaws
More results

Similar Description - BU-102BK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
   Insulated Kelvin Battery Clip
logo
NTE Electronics
72-162 NTE-72-162 Datasheet
146Kb / 3P
   Kelvin Clip, Insulated, 10 Amp
logo
List of Unclassifed Man...
BU-78K ETC2-BU-78K Datasheet
48Kb / 1P
   Kelvin Clip
BU-75K ETC2-BU-75K Datasheet
50Kb / 1P
   Kelvin Clip
BU-102B-0 ETC2-BU-102B-0 Datasheet
50Kb / 1P
   Insulated Battery Clip
BU-102BK-0 ETC2-BU-102BK-0 Datasheet
50Kb / 1P
   Insulated Battery Clip has Kelvinized isolated jaws
logo
3M Electronics
5940 3M-5940 Datasheet
29Kb / 2P
   Kelvin Clip Cable Assembly With Banana Plugs
logo
Pomona Electronics
5940 POMONA-5940 Datasheet
70Kb / 1P
   Kelvin Clip Cable Assembly With Banana Plugs
logo
List of Unclassifed Man...
BU-41A-0 ETC2-BU-41A-0 Datasheet
91Kb / 1P
   LARGE PLIER CLIP
12BH003-GR ETC2-12BH003-GR Datasheet
158Kb / 1P
   Battery Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com