Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2IO Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # TM2IO
Description  32-bit Single-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM2IO Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button TM2IO Datasheet HTML 2Page - Panasonic Semiconductor TM2IO Datasheet HTML 3Page - Panasonic Semiconductor TM2IO Datasheet HTML 4Page - Panasonic Semiconductor TM2IO Datasheet HTML 5Page - Panasonic Semiconductor TM2IO Datasheet HTML 6Page - Panasonic Semiconductor TM2IO Datasheet HTML 7Page - Panasonic Semiconductor TM2IO Datasheet HTML 8Page - Panasonic Semiconductor TM2IO Datasheet HTML 9Page - Panasonic Semiconductor TM2IO Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
6
PubNo. 232M9-010E
- Resolution
10 bits
- Minimum conversion time
1.0
μsec
- Channels
16 channels (ADIN00, ADIN01, ADIN06 to ADIN19)
- Use of 3 converters allows simultaneous sampling of 3 phases
- A/D conversion start trigger is in synchronization with complementary 3-phase PWM
cycle and 16-bit timer
Complementary 3-phase PWM output
2 channels
- Min. resolution: 33.3 nsec
- Triangular and saw-tooth waves output
- Incorporates a dead time insertion circuit
- Can overwrite registers by double buffer during PWM operation
- PWM output protection circuit supporting external interrupts
- Output timing varying function
Serial Interface
3 channels
Serial 0 (Full duplex UART/synchronous serial interface)
Synchronous serial interface
- Overrun error detection
- Transfer clock source
1/2 and 1/16 of timer 14 underflow, 1/2 and 1/16 of timer 15 underflow,
and 1/2 and 1/16 of timer 16 underflow, SBT0 pin
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Maximum transfer rate: 3.0 Mbps
Full duplex UART
- Parity error, overrun error, and flaming error detection
- Transfer clock source
1/16 of timer 14 underflow, 1/16 of timer 15 underflow,
and 1/16 of timer 16 underflow,
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Continuous transmission, reception, and transmission/reception
- Maximum transfer rate: 375 kbps
Serial 1 (Full duplex UART/synchronous serial interface)
Synchronous serial interface
- Overrun error detection
- Transfer clock source
1/2 and 1/16 of timer 14 underflow, 1/2 and 1/16 of timer 15 underflow,
and 1/2 and 1/16 of timer 16 underflow, SBT1 pin
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Maximum transfer rate: 3.0 Mbps
Full duplex UART
- Parity error, overrun error, and flaming error detection
- Transfer clock source
1/16 of timer 14 underflow, 1/16 of timer 15 underflow,
and 1/16 of timer 16 underflow,
- Can be selected as the first bit to be transferred,
Any transfer size from 7 to 8 bits can be selected.
- Continuous transmission, reception, and transmission/reception
- Maximum transfer rate: 375 kbps
Serial 2 (Full duplex UART/synchronous serial interface)


Similar Part No. - TM2IO

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM2-1 SYNERGY-TM2-1 Datasheet
246Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 1 - 600 MHz
TM2-GT SYNERGY-TM2-GT Datasheet
226Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1500 MHz
logo
MRV Communications, Inc...
TM2-SFP4G MRV-TM2-SFP4G Datasheet
1Mb / 2P
   LambdaDriver Multi-rate Module (TM2-SFP4G)
TM2-SFPPXFPFC8 MRV-TM2-SFPPXFPFC8 Datasheet
1Mb / 2P
   LambdaDriver 8Gbps FC Dual Transponder (TM2-SFPPXFPFC8)
TM2-SFPXC MRV-TM2-SFPXC Datasheet
665Kb / 2P
   LambdaDriver짰 - Multi-rate Module (TM2-SFPXC)
More results

Similar Description - TM2IO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com