Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8019533FSC Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z8019533FSC
Description  SMART PERIPHERAL CONTROLLERS
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8019533FSC Datasheet(HTML) 5 Page - Zilog, Inc.

  Z8019533FSC Datasheet HTML 1Page - Zilog, Inc. Z8019533FSC Datasheet HTML 2Page - Zilog, Inc. Z8019533FSC Datasheet HTML 3Page - Zilog, Inc. Z8019533FSC Datasheet HTML 4Page - Zilog, Inc. Z8019533FSC Datasheet HTML 5Page - Zilog, Inc. Z8019533FSC Datasheet HTML 6Page - Zilog, Inc. Z8019533FSC Datasheet HTML 7Page - Zilog, Inc. Z8019533FSC Datasheet HTML 8Page - Zilog, Inc. Z8019533FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
5
PRELIMINARY
Z80185/Z80195
SMART PERIPHERAL CONTROLLES
DS971850301
Zilog
DC CHARACTERISTICS
V
DD = 5.0V ± 10%, VSS = 0V over specified temperature range, unless otherwise noted.
Symbol
Item
Condition
Min.
Typ.
Max.
Unit
V
IH
Input “H” Voltage
V
V
IL
Input “L” Voltage
V
V
OH
Output “H” Voltage
V
V
OL1
Output “L” Voltage
V
I
IL
Input Leakage
V
IN=0.5 to
Current All Inputs
V
DD–0.5
1.0
Except XTAL,EXTAL
µA
I
TL
Tri-State Leakage
V
IN=0.5 to
Current
V
DD–0.5
1.0
µA
V
DD Supply Current*
Normal Operation
For 5.0V:
f = 20 MHz
60
120
mA
For 5.0V:
f = 33 MHz
68
132
mA
I
CC*
Power Dissipation*
System Stop Mode
For 5.0V:
f = 20 MHz
5
10
mA
For 5.0V:
f = 33 MHz
7
13
mA
Notes:
† See Class Reference Table
* V
IH min = VDD –1.0V, VIL max = 0.8V (All output terminals are at no load.)


Similar Part No. - Z8019533FSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80195 ZILOG-Z80195 Datasheet
1Mb / 326P
   Family MPU
More results

Similar Description - Z8019533FSC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
logo
ON Semiconductor
MC33566 ONSEMI-MC33566 Datasheet
212Kb / 6P
   Smart Voltage Regulator for Peripheral Card Applications
September, 2006 ??Rev. 3
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
   Multifunction Peripheral
logo
STMicroelectronics
MK68901 STMICROELECTRONICS-MK68901 Datasheet
314Kb / 33P
   MULTI.FUNCTION PERIPHERAL
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
   PERIPHERAL INTERFACE ADAPTER
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
   PROGRAMMABLE PERIPHERAL INTERFACE
logo
Xicor Inc.
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
   E2 Micro-Peripheral
logo
Texas Instruments
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
Motorola, Inc
MC68HC901 MOTOROLA-MC68HC901 Datasheet
274Kb / 43P
   Multi-Function Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com