Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFRP-P80A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EFRP-P80A
Description  800W CRPS Redundant Power Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFRP-P80A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EFRP-P80A Datasheet HTML 1Page - List of Unclassifed Manufacturers EFRP-P80A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical
Outline Dimension: 73.5x39.6x185(mm)
Outline Drawing
©ETASIS Electronic Corporation. All rights reserved. ETASIS Electronics Corporation reserves the right to make changes to their
products, specification, or to discontinue any product and its service at anytime without notice. The information and specification from
ETASIS is believed to be accurate and reliable. However, ETASIS assumes no responsibility for any business loss due to specification
changes. ETASIS products are not designed to be used in system deemed to be critical, or in any system wherein failure or malfunction
could result in injury or death.


Similar Part No. - EFRP-P80A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-P280A ETC2-EFRP-P280A Datasheet
384Kb / 2P
   800W CRPS 2U Redundant Power
EFRP-P280AH ETC2-EFRP-P280AH Datasheet
823Kb / 2P
   800W CRPS 1U Redundant Power
EFRP-P2A50 ETC2-EFRP-P2A50 Datasheet
283Kb / 2P
   2U 1500W 11 Redundant Power Supply
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
   2U 1500W 11 Redundant Power Supply
More results

Similar Description - EFRP-P80A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-P280A ETC2-EFRP-P280A Datasheet
384Kb / 2P
   800W CRPS 2U Redundant Power
EFRP-P280AH ETC2-EFRP-P280AH Datasheet
823Kb / 2P
   800W CRPS 1U Redundant Power
EFRP-G55A ETC2-EFRP-G55A Datasheet
341Kb / 2P
   550W CRPS 1U Redundant Power Module
EFRP-G40A ETC2-EFRP-G40A Datasheet
315Kb / 2P
   400W CRPS 1U Redundant Power Module
R4B-800G1V2 ETC2-R4B-800G1V2 Datasheet
329Kb / 13P
   800W800W Mini Redundant Power Supply
logo
PHOENIX CONTACT
5603359 PHOENIX-5603359 Datasheet
39Kb / 1P
   REDUNDANT POWER MODULE
logo
FSP TECHNOLOGY INC.
FSP2000-20FM FSP-FSP2000-20FM Datasheet
1Mb / 2P
   2000 W CRPS Module
2020.05
logo
List of Unclassifed Man...
EFRP-S400 ETC2-EFRP-S400 Datasheet
371Kb / 2P
   400W Redundant Power Module
EFRP-S500 ETC2-EFRP-S500 Datasheet
371Kb / 2P
   500W Redundant Power Module
logo
Pepperl+Fuchs Inc.
KFD2-EB2.R4A.B.SP PF-KFD2-EB2.R4A.B.SP Datasheet
1Mb / 4P
   Redundant Power Feed Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com