Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFRP-P280AH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFRP-P280AH
Description  800W CRPS 1U Redundant Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFRP-P280AH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFRP-P280AH Datasheet HTML 1Page - List of Unclassifed Manufacturers EFRP-P280AH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EFRP-P280AH
800W CRPS 1U Redundant Power
Features:
80PLUS® Platinum Level High Efficiency
Standard N+1 CRPS Redundant Design
800W with +12V and +5VSB Output
PMBus 1.2 Support
0~50℃ Working Temperature
Cold Redundancy Support
General Specification
Support universal AC or DC 240Vac input (Dual mode)
Efficiency : 94% @230V Input(Power Module)
Cold Redundancy / Digital load sharing control
Input Range: 100 to 240 VAC, +/
Support 5VSB (12VSB Optional)
Short Circuit Protection
Over Current Protection
Over Voltage Protection
Over Temperature Protection
Support hot swap
Inrush current limiter
Brown in / Brown out
EMI/RFI: CE, FCC class A
Safety: UL, TUV, CCC, CB, CE, FCC
Input and Output Characteristics
Input
Voltage
Frequency
Current
100~240
VAC
47~63Hz
10~4A
Note:
1. +3.3V and +5V combined output shall not exceed 1
2. Total output shall not exceed 800W.
Ripple and Noise
Output
+3.3V
Load Regulation
±5%
Line Regulation
± 1%
Ripple & Noise
60mV
U Redundant Power Supply
Level High Efficiency
Standard N+1 CRPS Redundant Design
DC 240Vac input (Dual mode)
(Power Module)
load sharing control (Optional)
: 100 to 240 VAC, +/-10%
CE, FCC
nput and Output Characteristics
Output
Load
+3.3V
+5V
+12V
-12V
Max.Load
25A
25A
66A
0.5A
Min.Load
0A
0A
0.5A
0A
+3.3V and +5V combined output shall not exceed 150W.
+3.3V
+5V
+12V
-12V
5Vsb
5%
± 5%
± 5%
± 5%
± 5%
1%
± 1%
± 1%
± 1%
± 1%
mV
60mV
120mV
120mV
60mV
12V
-5V
+5VSB
0.5A
3A
0A
5Vsb
5%
1%
0mV


Similar Part No. - EFRP-P280AH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-P280A ETC2-EFRP-P280A Datasheet
384Kb / 2P
   800W CRPS 2U Redundant Power
More results

Similar Description - EFRP-P280AH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-P80A ETC2-EFRP-P80A Datasheet
331Kb / 2P
   800W CRPS Redundant Power Module
EFRP-P280A ETC2-EFRP-P280A Datasheet
384Kb / 2P
   800W CRPS 2U Redundant Power
EFRP-G55A ETC2-EFRP-G55A Datasheet
341Kb / 2P
   550W CRPS 1U Redundant Power Module
EFRP-G40A ETC2-EFRP-G40A Datasheet
315Kb / 2P
   400W CRPS 1U Redundant Power Module
R4B-800G1V2 ETC2-R4B-800G1V2 Datasheet
329Kb / 13P
   800W800W Mini Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
EFRP-G753 ETC2-EFRP-G753 Datasheet
163Kb / 2P
   1U 750W Redundant Power Module
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
   1400W 1U Redundant Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com