Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6658MA Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6658MA
Description  270-MHz Single Supply, Single and Dual Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6658MA Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6658MA Datasheet HTML 3Page - Texas Instruments LMH6658MA Datasheet HTML 4Page - Texas Instruments LMH6658MA Datasheet HTML 5Page - Texas Instruments LMH6658MA Datasheet HTML 6Page - Texas Instruments LMH6658MA Datasheet HTML 7Page - Texas Instruments LMH6658MA Datasheet HTML 8Page - Texas Instruments LMH6658MA Datasheet HTML 9Page - Texas Instruments LMH6658MA Datasheet HTML 10Page - Texas Instruments LMH6658MA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LMH6657, LMH6658
www.ti.com
SNOSA35G – AUGUST 2002 – REVISED JULY 2015
6.6
Electrical Characteristics, ±5 V
Unless otherwise specified, all limits ensured for at TJ = 25°C, V
+ = 5 V, V= −5 V, V
CM = VO, and RL = 100 Ω (or as
specified) tied to 0 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
GB
Gain Bandwidth Product
VOUT < 200 mVPP
140
MHz
AV = +1, VOUT = 200 mVPP
220
270
SSBW
−3-dB BW
MHz
AV = +2 or −1, VOUT = 200 mVPP
100
Frequency Response
AV = +2, VOUT = 200 mVPP,
1
GFP
dB
Peaking
DC to 100 MHz
Frequency Response
AV = +2, VOUT = 200 mVPP,
0.9
GFR
dB
Rolloff
DC to 100 MHz
LPD
1° Linear Phase Deviation
AV = +2, VOUT = 200mVPP, ±1°
30
MHz
GF0.1dB
0.1-dB Gain Flatness
AV = +2, ±0.1 dB, VOUT = 200 mVPP
20
MHz
PBW
Full Power Bandwidth
−1 dB, VOUT = 8 VPP, AV = −1
30
MHz
DG
Differential Gain
NTSC, RL = 150 Ω, Pos. or Neg. Video
0.03%
DP
Differential Phase
NTSC,RL = 150 Ω, Pos. or Neg. Video
0.1
deg
TIME DOMAIN RESPONSE
AV = +2, VOUT = 500 mVPP
3.3
tr
Rise and Fall Time
ns
AV = −1, VOUT = 500 mVPP
3.3
OS
Overshoot, Undershoot
AV = +2, VOUT = 500 mVPP
16%
VO = 5 VPP, ±0.1%, RL =500 Ω,
35
ns
ts
Settling Time
AV = −1
AV = −1, VO = 8 VPP
700
SR
Slew Rate(3)
V/µs
AV = +2, VO = 8 VPP
500
DISTORTION AND NOISE RESPONSE
HD2
2nd Harmonic Distortion
f = 5 MHz, VO = 2 VPP, AV = -1
−70
dBc
HD3
3rd Harmonic Distortion
f = 5 MHz, VO = 2 VPP, AV = -1
−57
dBc
THD
Total Harmonic Distortion
f = 5 MHz, VO = 2 VPP, AV = -1
−55.5
dBc
f = 100 KHz
11
Input-Referred Voltage
Vn
nV/
√Hz
Noise
f = 1 KHz
19
f = 100 KHz
2.1
Input-Referred Current
In
pA/
√Hz
Noise
f = 1 KHz
7.5
Cross-Talk Rejection
f = 5 MHz, RL (SND) = 100 Ω
69
XTLKA
dB
(LMH6658)
RCV: RF = RG = 1 k
STATIC, DC PERFORMANCE
VO = −3.75 V to 3.75 V, RL = 2 k
87
100
AVOL
Large Signal Voltage Gain
VO = −3.5 V to 3.5 V, RL = 150 Ω
80
90
dB
VO = −3 V to 3 V, RL = 50 Ω
75
85
CMRR
≥ 50 dB
−5.2
−5.5
At the temperature extremes
−5.1
Input Common-Mode
CMVR
V
Voltage Range
3
3.3
At the temperature extremes
2.8
±1
±5
VOS
Input Offset Voltage
mV
Apply at the temperature extremes
±7
Input Offset Voltage
See (4)
±2
μV/C
TC VOS
Average Drift
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the "worst case" of the rising and falling slew rates.
(4)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6658MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6658MA TI-LMH6658MA Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6658MA NSC-LMH6658MA Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
More results

Similar Description - LMH6658MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com