Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA637AU Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA637AU
Description  Precision High-Speed Difet Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA637AU Datasheet(HTML) 3 Page - Texas Instruments

  OPA637AU Datasheet HTML 1Page - Texas Instruments OPA637AU Datasheet HTML 2Page - Texas Instruments OPA637AU Datasheet HTML 3Page - Texas Instruments OPA637AU Datasheet HTML 4Page - Texas Instruments OPA637AU Datasheet HTML 5Page - Texas Instruments OPA637AU Datasheet HTML 6Page - Texas Instruments OPA637AU Datasheet HTML 7Page - Texas Instruments OPA637AU Datasheet HTML 8Page - Texas Instruments OPA637AU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Offset Trim
–In
Output
Offset Trim
+In
–V
S
+V
S
No Internal Connection
Case connected to –V
S.
8
1
2
3
4
5
6
7
Offset Trim
–In
+In
–V
No Internal Connection
+V
Output
Offset Trim
S
S
1
2
3
4
8
7
6
5
OPA627, OPA637
www.ti.com
SBOS165A – SEPTEMBER 2000 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
P and D Packages
LMC Package
8-Pin PDIP and SOIC
8-Pin TO-99
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
Offset Trim
Input offset voltage trim (leave floating if not used)
2
–In
I
Inverting input
3
+In
I
Noninverting input
4
–VS
Negative (lowest) power supply
5
Offset Trim
Input offset voltage trim (leave floating if not used)
6
Output
O
Output
7
+VS
Positive (highest) power supply
8
NC
No internal connection (can be left floating)
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
±18
V
Input Voltage Range
+VS + 2
–VS – 2
V
Differential Input
Total VS + 4
V
Power Dissipation
1000
mW
LMC Package
–55
125
Operating Temperature
°C
P, D Package
–40
125
LMC Package
175
Junction Temperature
°C
P, D Package
150
LMC Package
–65
150
Storage temperature, Tstg
°C
P, D Package
–40
125
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA627 OPA637


Similar Part No. - OPA637AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA637AU BURR-BROWN-OPA637AU Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA637AU TI-OPA637AU Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA637AU TI1-OPA637AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA637AU/2K5 TI-OPA637AU/2K5 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA637AU/2K5 TI1-OPA637AU/2K5 Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA637AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com