Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656N Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA656N
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656N Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA656N Datasheet HTML 5Page - Texas Instruments OPA656N Datasheet HTML 6Page - Texas Instruments OPA656N Datasheet HTML 7Page - Texas Instruments OPA656N Datasheet HTML 8Page - Texas Instruments OPA656N Datasheet HTML 9Page - Texas Instruments OPA656N Datasheet HTML 10Page - Texas Instruments OPA656N Datasheet HTML 11Page - Texas Instruments OPA656N Datasheet HTML 12Page - Texas Instruments OPA656N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
1
10
Gain (V/V)
–60
–70
–80
–90
–100
–110
V
O = 2 Vp-p
f = 5 MHz
R
L = 200 Ω
See Figure 1, R
G Adjusted
2nd Harmonic
3rd Harmonic
–1
–10
Gain (V/V)
–60
–65
–70
–75
–80
–85
–90
V
O = 2 Vp-p
R
F = 604 Ω
F = 5 MHz
R
L = 200 Ω
See Figure 2, R
G and RM Adjusted
2nd Harmonic
3rd Harmonic
0.1
1
20
10
Frequency (MHz)
–50
–60
–70
–80
–90
–100
–110
3rd Harmonic
2nd Harmonic
V
O = 2 Vp-p
R
L = 200 Ω
See Figure 1
0.5
1
5
Output Voltage Swing (Vp-p)
–70
–75
–80
–85
–90
–95
–100
–105
–110
f = 1 MHz
R
L = 200 Ω
See Figure 1
2nd Harmonic
3rd Harmonic
100
1k
Resistance (Ω)
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
V
O = 2 Vp-p
f = 5 MHz
See Figure 1
2nd Harmonic
3rd Harmonic
0.5
1
5
Output Voltage Swing (Vp-p)
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
f = 5 MHz
R
L = 200 Ω
2nd Harmonic
3rd Harmonic
OPA656
www.ti.com
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
Typical Characteristics: VS = ±5 V (continued)
TA = 25°C, G = +2 V/V, RF = 250 Ω, RL = 100 Ω, unless otherwise noted.
5 MHz
Figure 7. Harmonic Distortion vs Load Resistance
Figure 8. Harmonic Distortion vs Output Voltage
1 MHz
Figure 9. Harmonic Distortion vs Frequency
Figure 10. Harmonic Distortion vs Output Voltage
Figure 11. Harmonic Distortion vs Noninverting Gain
Figure 12. Harmonic Distortion vs Inverting Gain
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA656


Similar Part No. - OPA656N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656N TI-OPA656N Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656N/250 TI-OPA656N/250 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656N/3K TI-OPA656N/3K Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656N250 NSC-OPA656N250 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656N250G4 NSC-OPA656N250G4 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA656N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com