Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA695ID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695ID
Description  Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695ID Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA695ID Datasheet HTML 4Page - Texas Instruments OPA695ID Datasheet HTML 5Page - Texas Instruments OPA695ID Datasheet HTML 6Page - Texas Instruments OPA695ID Datasheet HTML 7Page - Texas Instruments OPA695ID Datasheet HTML 8Page - Texas Instruments OPA695ID Datasheet HTML 9Page - Texas Instruments OPA695ID Datasheet HTML 10Page - Texas Instruments OPA695ID Datasheet HTML 11Page - Texas Instruments OPA695ID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
OPA695
SBOS293H – DECEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
RF = 348 Ω, RL = 100 Ω to VS/2, and G = +8, (see Figure 50 for AC performance only), unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL
(1)
TEMPERATURE RANGE
–40 to
Specification: ID, IDBV
25°C
°C
C
85
AC PERFORMANCE (see Figure 50)
G = +1, RF = 511 Ω
25°C
1400
C
G = +2, RF = 487 Ω
25°C
960
C
25°C
395
Small-signal bandwidth
25°C(2)
980
MHz
(VO = 0.5 VPP)
G = +8, RF = 348 Ω
B
0°C to 70°C(3)
330
–40°C to +85°C(3)
300
G = +16, RF = 162 Ω
25°C
235
C
25°C
230
25°C(2)
180
Bandwith for 0.2-dB gain flatness G = +2, VO <0.5 VPP, RF = 487Ω
MHz
B
0°C to 70°C(3)
135
–40°C to +85°C(3)
110
25°C
1
25°C(2)
2
Peaking at a gain of +1
VO <0.5 VPP, RF = 511 Ω
dB
B
0°C to 70°C(3)
2.5
–40°C to +85°C(3)
3
Large-signal bandwidth
G = +8, VO = 2 VPP
25°C
310
MHz
C
25°C
1700
25°C(2)
1300
Slew rate
G = +8, 2-V Step
v/
μs
B
0°C to 70°C(3)
1200
–40°C to +85°C(3)
1100
G = +8, VO = 0.5-V Step
25°C
1
Rise-and-fall-time
ns
C
G = +8, VO = 2-V Step
25°C
1
to 0.02%
G = +8, VO = 2-V Step
25°C
16
Settling time
ns
C
to 0.1%
G = +8, VO = 2-V Step
25°C
10
25°C
–62
25°C(2)
–58
RL = 100 Ω to VS/2
0°C to 70°C(3)
–58
–40°C to +85°C(3)
–57
2nd-
Harmonic
25°C
–70
25°C(2)
–66
RL ≥ 500 Ω to VS/2
0°C to 70°C(3)
–66
Harmonic
–40°C to +85°C(3)
–65
distortion
dBc
B
(G = +8, f = 10
25°C
–66
MHz, VO = 2 VPP)
25°C(2)
–64
RL = 100 Ω to VS
0°C to 70°C(3)
–64
–40°C to +85°C(3)
–63
3rd-
Harmonic
25°C
–65
25°C(2)
–63
RL ≥ 500 Ω to VS
0°C to 70°C(3)
–63
–40°C to +85°C(3)
–62
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: OPA695


Similar Part No. - OPA695ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695ID TI-OPA695ID Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695ID TI1-OPA695ID Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDBVR TI-OPA695IDBVR Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695IDBVR TI1-OPA695IDBVR Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDBVRG4 TI1-OPA695IDBVRG4 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results

Similar Description - OPA695ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com