Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA659IDRBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDRBT
Description  JFET-Input Operational Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659IDRBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA659IDRBT Datasheet HTML 5Page - Texas Instruments OPA659IDRBT Datasheet HTML 6Page - Texas Instruments OPA659IDRBT Datasheet HTML 7Page - Texas Instruments OPA659IDRBT Datasheet HTML 8Page - Texas Instruments OPA659IDRBT Datasheet HTML 9Page - Texas Instruments OPA659IDRBT Datasheet HTML 10Page - Texas Instruments OPA659IDRBT Datasheet HTML 11Page - Texas Instruments OPA659IDRBT Datasheet HTML 12Page - Texas Instruments OPA659IDRBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
-
-
-
-
-
-
-
-
70
75
80
85
90
95
100
105
110
-
4.0
4.5
5.0
5.5
6.0
±SupplyVoltage(V)
6
Third
Harmonic
Second
Harmonic
f=10MHz
V
=
OUT
PP
Gain=+2V/V
R =100
L
W
2V
-50
60
70
80
90
100
110
-
-
-
-
-
-
0
2
4
6
V
(V
)
OUT
PP
Third
Harmonic
Second
Harmonic
V = 6.0V
Gain=1V/V
R =0
S
F
W
R =100
f=10MHz
L
W
±
6
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
InvertingGain(V/V)
Third
Harmonic
Second
Harmonic
V = 6.0V
R =100
S
L
PP
W
V
=2V
f=10MHz
OUT
±
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
100
200
300
400
500
600
700
800
900
1k
R
( )
W
LOAD
Third
Harmonic
Second
Harmonic
V = 6.0V
Gain=1V/V
R =0
S
F
PP
W
V
=2V
f=10MHz
OUT
±
-50
60
70
80
90
100
110
-
-
-
-
-
-
1
10
100
Frequency(MHz)
Third
Harmonic
Second
Harmonic
V = 6.0V
G=1V/V
R =0
R =100
S
F
L
PP
W
W
V
=2V
OUT
±
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
NoninvertingGain(V/V)
Third
Harmonic
Second
Harmonic
V = 6.0V
R =100
S
L
PP
W
V
=2V
f=10MHz
OUT
±
OPA659
www.ti.com
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
At VS = ±6 V, RF = 0 Ω, G = 1 V/V, and RL = 100 Ω, unless otherwise noted.
Figure 13. Harmonic Distortion vs Frequency
Figure 14. Harmonic Distortion vs Noninverting Gain at
10 MHz
Figure 16. Harmonic Distortion vs Load Resistance at
Figure 15. Harmonic Distortion vs Inverting Gain at 10 MHz
10 MHz
Figure 17. Harmonic Distortion vs Output Voltage
Figure 18. Harmonic Distortion vs ±Supply Voltage
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA659


Similar Part No. - OPA659IDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA659IDRBT TI-OPA659IDRBT Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659IDRBT NSC-OPA659IDRBT Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA659IDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411 TI-LF411 Datasheet
172Kb / 7P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070_06 Datasheet
299Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
[Old version datasheet]   JFET Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com