Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656UG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656UG4
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656UG4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA656UG4 Datasheet HTML 1Page - Texas Instruments OPA656UG4 Datasheet HTML 2Page - Texas Instruments OPA656UG4 Datasheet HTML 3Page - Texas Instruments OPA656UG4 Datasheet HTML 4Page - Texas Instruments OPA656UG4 Datasheet HTML 5Page - Texas Instruments OPA656UG4 Datasheet HTML 6Page - Texas Instruments OPA656UG4 Datasheet HTML 7Page - Texas Instruments OPA656UG4 Datasheet HTML 8Page - Texas Instruments OPA656UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
5
4
+V
S
V
IN–
V
OUT
-V
S
V
IN+
A57
Pin Orientation/Package Marking
1
2
3
4
8
7
6
5
NC
+V
S
V
OUT
NC
NC
V
IN–
V
IN+
-V
S
OPA656
www.ti.com
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
5 Related Operational Amplifier Products
SLEW RATE
VOLTAGE NOISE
DEVICE
VS (V)
BW (MHz)
(V/
μs)
(nV/
√Hz)
AMPLIFIER DESCRIPTION
OPA656
±5
230
290
7
Unity-Gain Stable FET-Input
OPA657
±5
1600
700
4.8
Gain of +7 stable FET Input
OPA659
±6
350
2550
8.9
Unity-Gain Stable FET-Input
LMH6629
5
4000
1600
0.69
Gain of +10 stable Bipolar Input
THS4631
±15
210
1000
7
Unity-Gain Stable FET-Input
Programmable Gain (5 k
Ω / 20 kΩ)
OPA857
5
4750
220
Transimpedance Amplifier
6 Pin Configuration and Functions
D Package
DBV Package
8-Pin SOIC Surface-Mount
5-Pin SOT-23
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC
SOT-23
1
NC
5
No Connection
8
VIN–
2
4
I
Inverting Input
VIN+
3
3
I
Noninverting Input
–VS
4
2
POW
Negative Power Supply
VOUT
6
1
O
Output of amplifier
+VS
7
5
POW
Positive Power Supply
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA656


Similar Part No. - OPA656UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656UG4 TI-OPA656UG4 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656UG4 NSC-OPA656UG4 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA656UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
[Old version datasheet]   OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com