Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA836IRUNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA836IRUNR
Description  Operational Amplifiers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA836IRUNR Datasheet(HTML) 1 Page - Texas Instruments

  OPA836IRUNR Datasheet HTML 1Page - Texas Instruments OPA836IRUNR Datasheet HTML 2Page - Texas Instruments OPA836IRUNR Datasheet HTML 3Page - Texas Instruments OPA836IRUNR Datasheet HTML 4Page - Texas Instruments OPA836IRUNR Datasheet HTML 5Page - Texas Instruments OPA836IRUNR Datasheet HTML 6Page - Texas Instruments OPA836IRUNR Datasheet HTML 7Page - Texas Instruments OPA836IRUNR Datasheet HTML 8Page - Texas Instruments OPA836IRUNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
10k
100k
1M
10M
f - Frequency - Hz
V = 2.7 V,
G = 1,
V
= 1 Vpp,
R = 0
,
R = 1 k
S
OUT
F
L
W
W
HD3
HD2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA836, OPA2836
SLOS712G – JANUARY 2011 – REVISED OCTOBER 2015
OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback
Operational Amplifiers
For battery-powered, portable applications where
1 Features
power
is
a
key
importance,
the
low
power
1
Low Power:
consumption and high-frequency performance of the
Supply Voltage: 2.5 V to 5.5 V
OPA836 and OPA2836 devices offer designers
performance versus power that is not attainable in
Quiescent Current: 1 mA (Typ)
other devices. Coupled with a power-saving mode
Power Down Mode: 0.5 µA Typ)
that reduces current to less than 1.5
μA, these
Bandwidth: 205 MHz
devices offer an attractive solution for high-frequency
amplifiers in battery-powered applications.
Slew Rate: 560 V/µs
Rise Time: 3 ns (2 VSTEP)
The
OPA836
RUN
package
option
includes
integrated gain-setting resistors for the smallest
Settling Time (0.1%): 22 ns (2 VSTEP)
possible
footprint
on
a
printed
circuit
board
Overdrive Recovery Time: 60 ns
(approximately 2 mm × 2 mm). By adding circuit
SNR: 0.00013% (–117.6 dBc) at 1 kHz (1 VRMS)
traces on the PCB, gains of +1, –1, –1.33, +2, +2.33,
THD: 0.00003% (–130 dBc) at 1 kHz (1 VRMS)
–3, +4, –4, +5, –5.33, +6.33, –7, +8 and inverting
attenuations of –0.1429, –0.1875, –0.25, –0.33, –0.75
HD2/HD3: –85 dBc/–105 dBc at 1 MHz (2 VPP)
can be achieved. See Table 3 and Table 4 for details.
Input Voltage Noise: 4.6 nV/
√Hz (f = 100 kHz)
The
OPA836
and
OPA2836
devices
are
Input Offset Voltage: 65 µV (±400-µV Max)
characterized
for
operation
over
the
extended
CMRR: 116 dB
industrial temperature range of –40°C to 125°C.
Output Current Drive: 50 mA
Device Information(1)
RRO: Rail-to-Rail Output
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Input Voltage Range: –0.2 V to +3.9 V
SOT-23 (6)
2.90 mm × 1.60 mm
(5-V Supply)
OPA836
WQFN (10)
2.00 mm × 2.00 mm
Operating Temperature Range:
SOIC (8)
4.90 mm × 3.91 mm
–40°C to +125°C
VSSOP (10)
3.00 mm × 3.00 mm
OPA2836
2 Applications
UQFN (10)
2.00 mm × 2.00 mm
WQFN (10)
2.00 mm × 2.00 mm
Low-Power Signal Conditioning
(1) For all available packages, see the package option addendum
Audio ADC Input Buffers
at the end of the data sheet.
Low-Power SAR and
ΔΣ ADC Drivers
Portable Systems
Harmonic Distortion vs Frequency
Low-Power Systems
High-Density Systems
3 Description
The OPA836 and OPA2836 devices are single- and
dual-channel,
ultralow
power,
rail-to-rail
output,
negative-rail
input,
voltage-feedback
operational
amplifiers designed to operate over a power-supply
range of 2.5 V to 5.5 V (single supply), or ±1.25 V to
±2.75 V (dual supply). Consuming only 1 mA per
channel and a unity gain bandwidth of 205 MHz,
these amplifiers set an industry-leading power-to-
performance ratio for rail-to-rail amplifiers.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA836IRUNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA836IRUNR TI1-OPA836IRUNR Datasheet
1Mb / 49P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836IRUNR TI1-OPA836IRUNR Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
More results

Similar Description - OPA836IRUNR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com