Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA836IRUNT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA836IRUNT
Description  Operational Amplifiers
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA836IRUNT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA836IRUNT Datasheet HTML 6Page - Texas Instruments OPA836IRUNT Datasheet HTML 7Page - Texas Instruments OPA836IRUNT Datasheet HTML 8Page - Texas Instruments OPA836IRUNT Datasheet HTML 9Page - Texas Instruments OPA836IRUNT Datasheet HTML 10Page - Texas Instruments OPA836IRUNT Datasheet HTML 11Page - Texas Instruments OPA836IRUNT Datasheet HTML 12Page - Texas Instruments OPA836IRUNT Datasheet HTML 13Page - Texas Instruments OPA836IRUNT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
OPA836, OPA2836
SLOS712G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics: VS = 5 V (continued)
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 1 kΩ, G = 1 V/V, input and output
referenced to mid-supply. TA = 25°C, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE (continued)
Settling time to 1%, rise
VOUT = 2-V Step, G = 2
22
ns
C
Settling time to 1%, fall
VOUT = 2-V Step, G = 2
22
ns
C
Settling time to 0.1%, rise
VOUT = 2-V Step, G = 2
30
ns
C
Settling time to 0.1%, fall
VOUT = 2-V Step, G = 2
30
ns
C
Settling time to 0.01%, rise
VOUT = 2-V Step, G = 2
40
ns
C
Settling time to 0.01%, fall
VOUT = 2-V Step, G = 2
45
ns
C
Overshoot/Undershoot
VOUT = 2-V Step, G = 2
7.5%/5%
C
f = 10 kHz
–133
Second-order harmonic distortion
f = 100 kHz
–120
dBc
C
f = 1 MHz
–85
f = 10 kHz
–140
Third-order harmonic distortion
f = 100 kHz
–130
dBc
C
f = 1 MHz
–105
f = 1 MHz, 200 kHz Tone Spacing,
Second-order intermodulation distortion
–79
dBc
C
VOUT Envelope = 2 VPP
f = 1 MHz, 200 kHz Tone Spacing,
Third-order intermodulation distortion
–91
dBc
C
VOUT Envelope = 2 VPP
0.00013%
f = 1 kHz, VOUT = 1 VRMS,
Signal-to-noise ratio, SNR
C
22 kHz bandwidth
–117.6
dBc
0.00003%
Total harmonic distortion, THD
f = 1 kHz, VOUT = 1 VRMS
C
–130
dBc
Input voltage noise
f = 100 KHz
4.6
nV/
√Hz
C
Voltage noise 1/f corner frequency
215
Hz
C
Input current noise
f > 1 MHz
0.75
pA/
√Hz
C
Current noise 1/f corner frequency
31.7
kHz
C
Overdrive recovery time, over/under
Overdrive = 0.5 V
55/60
ns
C
Closed-loop output impedance
f = 100 kHz
0.02
Ω
C
Channel to channel crosstalk (OPA2836)
f = 10 kHz
–120
dB
C
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
122
dB
A
TA = 25°C
–400
±65
400
A
TA = 0°C to 70°C
–685
685
Input referred offset voltage
µV
TA = –40°C to 85°C
–765
765
B
TA = –40°C to 125°C
–1080
1080
TA = 0°C to 70°C
–6.3
±1.05
6.3
Input offset voltage drift(2)
TA = –40°C to 85°C
–6.1
±1
6.1
µV/°C
B
TA = –40°C to 125°C
–6.8
±1.1
6.8
TA = 25°C
300
650
1000
A
TA = 0°C to 70°C
190
1400
Input bias current(3)
nA
TA = –40°C to 85°C
120
1550
B
TA = –40°C to 125°C
120
1850
TA = 0°C to 70°C
±0.34
±2
Input bias current drift(2)
TA = –40°C to 85°C
±0.34
±2
nA/°C
B
TA = –40°C to 125°C
±0.38
±2.3
(2)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
(3)
Current is considered positive out of the pin.
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836


Similar Part No. - OPA836IRUNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA836IRUNT TI1-OPA836IRUNT Datasheet
1Mb / 49P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836IRUNT TI1-OPA836IRUNT Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
More results

Similar Description - OPA836IRUNT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com